Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF040B-50-4C-QAE Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST25VF040B-50-4C-QAE
Description  4 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B-50-4C-QAE Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST25VF040B-50-4C-QAE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040B-50-4C-QAE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
Data Sheet
4 Mbit SPI Serial Flash
SST25VF040B
©2009 Silicon Storage Technology, Inc.
S71295-05-000
10/09
MEMORY ORGANIZATION
The SST25VF040B SuperFlash memory array is orga-
nized in uniform 4 KByte erasable sectors with 32 KByte
overlay blocks and 64 KByte overlay erasable blocks.
DEVICE OPERATION
The SST25VF040B is accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI bus
consist of four control lines; Chip Enable (CE#) is used to
select the device, and data is accessed through the Serial
Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK).
The SST25VF040B supports both Mode 0 (0,0) and Mode
3 (1,1) of SPI bus operations. The difference between the
two modes, as shown in Figure 3, is the state of the SCK
signal when the bus master is in Stand-by mode and no
data is being transferred. The SCK signal is low for Mode 0
and SCK signal is high for Mode 3. For both modes, the
Serial Data In (SI) is sampled at the rising edge of the SCK
clock signal and the Serial Data Output (SO) is driven after
the falling edge of the SCK clock signal.
FIGURE 3: SPI Protocol
1295 SPIprot.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB


Similar Part No. - SST25VF040B-50-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B-50-4C-QAF-T MICROCHIP-SST25VF040B-50-4C-QAF-T Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
More results

Similar Description - SST25VF040B-50-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com