Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8644I05AWLTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SX8644I05AWLTRT
Description  Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8644I05AWLTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SX8644I05AWLTRT Datasheet HTML 1Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 2Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 3Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 4Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 5Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 6Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 7Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 8Page - Semtech Corporation SX8644I05AWLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision 7_3, January 10
© 2009 Semtech Corp.
www.semtech.com
5
SX8644
Ultra Low Power, Capacitive Button and Slider
Touch Controller (12 sensors) with Enhanced LED Drivers
1.3
Pin Description
Number
Name
Type
Description
1
CAP2
Analog
Capacitive Sensor 2
2
CAP3
Analog
Capacitive Sensor 3
3
CAP4
Analog
Capacitive Sensor 4
4
CAP5
Analog
Capacitive Sensor 5
5
CAP6
Analog
Capacitive Sensor 6
6
CAP7
Analog
Capacitive Sensor 7
7
CAP8
Analog
Capacitive Sensor 8
8
CAP9
Analog
Capacitive Sensor 9
9
CAP10
Analog
Capacitive Sensor 10
10
CAP11
Analog
Capacitive Sensor 11
11
CN
Analog
Integration Capacitor, negative terminal (1nF between CN and CP)
12
CP
Analog
Integration Capacitor, positive terminal (1nF between CN and CP)
13
VDD
Power
Main input power supply
14
INTB
Digital Output
Interrupt, active LOW, requires pull up resistor (on host or external)
15
SCL
Digital Input
I2C Clock, requires pull up resistor (on host or external)
16
SDA
Digital Input/Output
I2C Data, requires pull up resistor (on host or external)
17
GPIO0
Digital Input/Output
General Purpose Input/Output 0
18
GPIO1
Digital Input/Output
General Purpose Input/Output 1
19
GND
Ground
Ground
20
GPIO2
Digital Input/Output
General Purpose Input/Output 2
21
GPIO3
Digital Input/Output
General Purpose Input/Output 3
22
GPIO4
Digital Input/Output
General Purpose Input/Output 4
23
GPIO5
Digital Input/Output
General Purpose Input/Output 5
24
GND
Ground
Ground
25
GPIO6
Digital Input/Output
General Purpose Input/Output 6
26
GPIO7
Digital Input/Output
General Purpose Input/Output 7
27
VDIG
Analog
Digital Core Decoupling, connect to a 100nF decoupling capacitor
28
GND
Ground
Ground
29
RESETB
Digital Input
Active Low Reset. Connect to VDD if not used.
30
VANA
Analog
Analog Core Decoupling, connect to a 100nF decoupling capacitor
31
CAP0
Analog
Capacitive Sensor 0
32
CAP1
Analog
Capacitive Sensor 1
bottom plate
GND
Ground
Exposed pad connect to ground
Table 1
Pin description


Similar Part No. - SX8644I05AWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644I05AWLTRT1 SEMTECH-SX8644I05AWLTRT1 Datasheet
748Kb / 78P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
More results

Similar Description - SX8644I05AWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644 SEMTECH-SX8644_11 Datasheet
748Kb / 78P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
SX8634 SEMTECH-SX8634 Datasheet
1,005Kb / 80P
   Low Power, Capacitive Button and Slider Touch Controller with Enhanced LED
SX8646 SEMTECH-SX8646 Datasheet
605Kb / 67P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8633 SEMTECH-SX8633 Datasheet
948Kb / 72P
   Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED
SX8660 SEMTECH-SX8660 Datasheet
755Kb / 75P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com