Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1508QBIULTRT Datasheet(PDF) 28 Page - Semtech Corporation

Part # SX1508QBIULTRT
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1508QBIULTRT Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SX1508QBIULTRT Datasheet HTML 24Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 25Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 26Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 27Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 28Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 29Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 30Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 31Page - Semtech Corporation SX1508QBIULTRT Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
28
www.semtech.com
SX1507QB/SX1508QB/SX1509QB
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
6:4
Frequency of the LED Driver clock ClkX of all IOs:
0 : OFF. LED driver functionality is disabled for all IOs.
Else : ClkX = fOSC/(2^(RegMisc[6:4]-1))
3
LED Driver mode for Bank A ‘s fading capable IOs (IO3)
0: Linear
1: Logarithmic
2
NRESET pin function when externally forced low (Cf. §4.4.1 and §4.9.5).
0: Equivalent to POR
1: Reset PWM/Blink/Fade counters (not user programmed values)
This bit is can only be reset manually or by POR, not by NRESET.
1
Auto-increment register address (Cf. §4.5)
0: ON. When several consecutive data are read/written, register address is incremented.
1: OFF. When several consecutive data are read/written, register address is kept fixed.
0
Autoclear NINT on RegData read (Cf. §4.7)
0: ON. RegInterruptSource is also automatically cleared when RegData is read.
1: OFF. RegInterruptSource must be manually cleared, either directly or via
RegEventStatus.
0x11
RegLEDDriverEnable
0x00
7:0
Enables LED Driver for each [output-configured] IO
0 : LED Driver is disabled
1 : LED Driver is enabled
7:3
Unused
0x12
RegDebounceConfig
0x00
2:0
Debounce time (Cf. §4.6.1)
000: 0.5ms x 2MHz/fOSC
001: 1ms x 2MHz/fOSC
010: 2ms x 2MHz/fOSC
011: 4ms x 2MHz/fOSC
100: 8ms x 2MHz/fOSC
101: 16ms x 2MHz/fOSC
110: 32ms x 2MHz/fOSC
111: 64ms x 2MHz/fOSC
0x13
RegDebounceEnable
0x00
7:0
Enables debouncing for each [input-configured] IO
0 : Debouncing is disabled
1 : Debouncing is enabled
7
Unused
6:5
Number of rows (outputs) + key scan enable
00 : Key scan OFF
01 : 2 rows – IO[0:1]
10 : 3 rows – IO[0:2]
11 : 4 rows – IO[0:3]
4:3
Number of columns (inputs)
00 : 1 column – IO[4]
01 : 2 columns – IO[4:5]
10 : 3 columns – IO[4:6]
11 : 4 columns – IO[4:7]
0x14
RegKeyConfig
0x00
2:0
Scan time per row (must be set above debounce time).
000 : 1ms x 2MHz/fOSC
001 : 2ms x 2MHz/fOSC
010 : 4ms x 2MHz/fOSC
011 : 8ms x 2MHz/fOSC
100 : 16ms x 2MHz/fOSC
101 : 32ms x 2MHz/fOSC
110 : 64ms x 2MHz/fOSC
111 : 128ms x 2MHz/fOSC
0x15
RegKeyData
0xFF
7:0
Key which generated NINT (active low)
Ex: RegKeyData=11011110 => key [IO5;IO0] has been pressed and generated NINT
When read it is automatically cleared together with NINT and key scan continues.
7:5
Unused
0xXX
RegTOnX
0x00
4:0
ON Time of IO[X]:
0 : Infinite (Static mode, TOn directly controlled by RegData, Cf §4.9.2)
1 - 15 : TOnX = 64 * RegTOnX * (255/ClkX)
16 - 31 : TOnX = 512 * RegTOnX * (255/ClkX)
0xXX
RegIOnX
0xFF
7:0
ON Intensity of IO[X]
- Linear mode : IOnX = RegIOnX
- Logarithmic mode (fading capable IOs only) : IOnX = f(RegIOnX) , Cf §4.9.5
7:3
OFF Time of IO[X]:
0 : Infinite (Single shot mode, TOff directly controlled by RegData, Cf §4.9.3)
1 - 15 : TOffX = 64 * RegOffX[7:3] * (255/ClkX)
16 - 31 : TOffX = 512 * RegOffX[7:3] * (255/ClkX)
0xXX
RegOffX
0x00
2:0
OFF Intensity of IO[X]
- Linear mode : IOffX = 4 x RegOff[2:0]
- Logarithmic mode (fading capable IOs only) : IOffX = f(4 x RegOffX[2:0]) , Cf §4.9.5
7:5
Unused
0xXX
RegTRiseX
0x00
4:0
Fade In setting of IO[X]
0 : OFF
1 - 15 : TRiseX = (RegIOnX-(4xRegOffX[2:0])) * RegTRiseX * (255/ClkX)
16 - 31 : TRiseX = 16 * (RegIOnX-(4xRegOffX[2:0])) * RegTRiseX * (255/ClkX)


Similar Part No. - SX1508QBIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1508QBIULTRT SEMTECH-SX1508QBIULTRT Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1508QBIULTRT SEMTECH-SX1508QBIULTRT Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1508QBIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com