Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1233 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SX1233
Description  High Bit Rate Transceiver Low Power Integrated UHF Transceiver
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1233 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SX1233 Datasheet HTML 24Page - Semtech Corporation SX1233 Datasheet HTML 25Page - Semtech Corporation SX1233 Datasheet HTML 26Page - Semtech Corporation SX1233 Datasheet HTML 27Page - Semtech Corporation SX1233 Datasheet HTML 28Page - Semtech Corporation SX1233 Datasheet HTML 29Page - Semtech Corporation SX1233 Datasheet HTML 30Page - Semtech Corporation SX1233 Datasheet HTML 31Page - Semtech Corporation SX1233 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
www.semtech.com
Page 28
SX1233
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Rev 3.April 2010
Figure 8. Cordic Extraction
3.5.10. FSK Demodulator
The FSK demodulator of the SX1233 is designed to demodulate FSK, GFSK, MSK and GMSK modulated signals. It is
most efficient when the modulation index of the signal is greater than 0.5 and below 10:
The output of the FSK demodulator can be fed to the Bit Synchronizer (described in section 3.5.12), to provide the
companion processor with a synchronous data stream in Continuous mode.
3.5.11. OOK Demodulator
The OOK demodulator performs a comparison of the RSSI output and a threshold value. Three different threshold modes
are available, configured through bits OokThreshType in RegOokPeak.
The recommended mode of operation is the "Peak" threshold mode, illustrated in Figure 9:
Figure 9. OOK Peak Demodulator Description
I(t)
Q(t)
Real-time Phase
Real-time
Magnitude
0.5
β
2 FDEV
×
BR
---------------------- 10
=
Zoom
Period as defined in
OokPeakThreshDec
Decay in dB as defined in
OokPeakThreshStep
Fixed 6dB difference
RSSI
[dBm]
Noise floor of
receiver
‘’Floor’’ threshold defined by
OokFixedThresh
Time
‘’Peak -6dB’’ Threshold
Zoom


Similar Part No. - SX1233

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
More results

Similar Description - SX1233

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
   SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
XE1201A ETC-XE1201A Datasheet
193Kb / 14P
   LOW POWER UHF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com