Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST49LF030A-33-4C-NH Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST49LF030A-33-4C-NH
Description  3 Mbit LPC Flash
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF030A-33-4C-NH Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST49LF030A-33-4C-NH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
EOL Product Data Sheet
3 Mbit LPC Flash
SST49LF030A
©2005 Silicon Storage Technology, Inc.
S71234-03-EOL
5/06
LIST OF FIGURES
FIGURE 1: Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
FIGURE 2: Pin Assignments for 32-lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
FIGURE 3: Pin Assignments for 32-lead TSOP (8mm x 14mm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
FIGURE 4: Device Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
FIGURE 5: LPC Read Cycle Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
FIGURE 6: LPC Write Cycle Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
FIGURE 7: Program Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
FIGURE 8: Data# Polling Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
FIGURE 9: Toggle Bit Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
FIGURE 10: Sector-Erase Command Sequence (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
FIGURE 11: Block-Erase Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
FIGURE 12: Register Readout Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
FIGURE 13: LCLK Waveform (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
FIGURE 14: Reset Timing Diagram (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
FIGURE 15: Output Timing Parameters (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 16: Input Timing Parameters (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 17: Reset Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
FIGURE 18: Read Cycle Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
FIGURE 19: Write Cycle Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
FIGURE 20: Data# Polling Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
FIGURE 21: Toggle Bit Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FIGURE 22: Byte-Program Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FIGURE 23: Sector-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
FIGURE 24: Block-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
FIGURE 25: Chip-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
FIGURE 26: Software ID Entry and Read (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
FIGURE 27: Software ID Exit (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
FIGURE 28: AC Input/Output Reference Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
FIGURE 29: A Test Load Example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
FIGURE 30: Read Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
FIGURE 31: Byte-Program Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
FIGURE 32: Erase Command Sequences Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
FIGURE 33: Software Product ID Command Sequences Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . 42
FIGURE 34: Byte-Program Command Sequences Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . 43
FIGURE 35: Wait Options Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
FIGURE 36: Software Product ID Command Sequences Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . 45
FIGURE 37: Erase Command Sequence Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
FIGURE 38: 32-lead Plastic Lead Chip Carrier (PLCC) SST Package Code: NH . . . . . . . . . . . . . . . . . . . . 48
FIGURE 39: 32-lead Thin Small Outline Package (TSOP) 8mm x 14mm SST Package Code: WH . . . . . . 49


Similar Part No. - SST49LF030A-33-4C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF002A SST-SST49LF002A Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF002A-33-4C-NH SST-SST49LF002A-33-4C-NH Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF002A-33-4C-WH SST-SST49LF002A-33-4C-WH Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF003A SST-SST49LF003A Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF003A-33-4C-NH SST-SST49LF003A-33-4C-NH Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
More results

Similar Description - SST49LF030A-33-4C-NH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
   16 Mbit LPC Flash
02/16
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
   8 Mbit LPC Flash
11/14
logo
Silicon Storage Technol...
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
   8 Mbit LPC Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
   8 Mbit LPC Flash
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
   16 Mbit LPC Flash
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
   16 Mbit LPC Serial Flash
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com