Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF040B-80-4I-QAF Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST25VF040B-80-4I-QAF
Description  4 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B-80-4I-QAF Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST25VF040B-80-4I-QAF Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-QAF Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
Data Sheet
4 Mbit SPI Serial Flash
SST25VF040B
©2009 Silicon Storage Technology, Inc.
S71295-05-000
10/09
Status Register
The software status register provides status on whether the
flash memory array is available for any Read or Write oper-
ation, whether the device is Write enabled, and the state of
the Memory Write protection. During an internal Erase or
Program operation, the status register may be read only to
determine the completion of an operation in progress.
Table 3 describes the function of each bit in the software
status register.
Busy
The Busy bit determines whether there is an internal Erase
or Program operation in progress. A “1” for the Busy bit indi-
cates the device is busy with an operation in progress. A “0”
indicates the device is ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the inter-
nal memory Write Enable Latch. If the Write-Enable-Latch
bit is set to “1”, it indicates the device is Write enabled. If the
bit is set to “0” (reset), it indicates the device is not Write
enabled and does not accept any memory Write (Program/
Erase) commands. The Write-Enable-Latch bit is automati-
cally reset under the following conditions:
Power-up
Write-Disable (WRDI) instruction completion
Byte-Program instruction completion
Auto Address Increment (AAI) programming is
completed or reached its highest unprotected
memory address
Sector-Erase instruction completion
Block-Erase instruction completion
Chip-Erase instruction completion
Write-Status-Register instructions
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit pro-
vides status on whether the device is in AAI programming
mode or Byte-Program mode. The default at power up is
Byte-Program mode.
TABLE
3: Software Status Register
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0R
2
BP0
Indicate current level of block write protection (See Table 4)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 4)
1
R/W
4
BP2
Indicate current level of block write protection (See Table 4)
1
R/W
5
BP3
Indicate current level of block write protection (See Table 4)
0
R/W
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Byte-Program mode
0R
7
BPL
1 = BP3, BP2, BP1, BP0 are read-only bits
0 = BP3, BP2, BP1, BP0 are read/writable
0R/W
T3.0 1295


Similar Part No. - SST25VF040B-80-4I-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B-50-4C-QAF-T MICROCHIP-SST25VF040B-50-4C-QAF-T Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
More results

Similar Description - SST25VF040B-80-4I-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com