Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39WF1602 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST39WF1602
Description  16 Mbit (x16) Multi-Purpose Flash Plus
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF1602 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST39WF1602 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF1602 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
Data Sheet
16 Mbit Multi-Purpose Flash Plus
SST39WF1601 / SST39WF1602
©2009 Silicon Storage Technology, Inc.
S71297-05-000
11/09
To meet high density, surface mount requirements, the
SST39WF1601/1602 are offered in both 48-ball TFBGA
and 48-ball WFBGA packages. See Figures 2 and 3 for
pin assignments.
Device Operation
Commands are used to initiate the memory operation func-
tions of the device. Commands are written to the device
using standard microprocessor write sequences. A com-
mand is written by asserting WE# low while keeping CE#
low. The address bus is latched on the falling edge of WE#
or CE#, whichever occurs last. The data bus is latched on
the rising edge of WE# or CE#, whichever occurs first.
The SST39WF1601/1602 also have the Auto Low Power
mode which puts the device in a near standby mode after
data has been accessed with a valid Read operation. This
reduces the IDD active read current from typically 9 mA to
typically 5 µA. The Auto Low Power mode reduces the typi-
cal IDD active read current to the range of 2 mA/MHz of
Read cycle time. The device exits the Auto Low Power
mode with any address transition or control signal transition
used to initiate another Read cycle, with no access time
penalty. Note that the device does not enter Auto-Low
Power mode after power-up with CE# held steadily low,
until the first address transition or CE# is driven high.
Read
The Read operation of the SST39WF1601/1602 is con-
trolled by CE# and OE#, both have to be low for the sys-
tem to obtain data from the outputs. CE# is used for
device selection. When CE# is high, the chip is dese-
lected and only standby power is consumed. OE# is the
output control and is used to gate data from the output
pins. The data bus is in high impedance state when
either CE# or OE# is high. Refer to the Read cycle timing
diagram for further details (Figure 4).
Word-Program Operation
The SST39WF1601/1602 are programmed on a word-by-
word basis. Before programming, the sector where the
word exists must be fully erased. The Program operation is
accomplished in three steps. The first step is the three-byte
load sequence for Software Data Protection. The second
step is to load word address and word data. During the
Word-Program operation, the addresses are latched on the
falling edge of either CE# or WE#, whichever occurs last.
The data is latched on the rising edge of either CE# or
WE#, whichever occurs first. The third step is the internal
Program operation which is initiated after the rising edge of
the fourth WE# or CE#, whichever occurs first. The Pro-
gram operation, once initiated, will be completed within 40
µs. See Figures 5 and 6 for WE# and CE# controlled Pro-
gram operation timing diagrams and Figure 20 for flow-
charts. During the Program operation, the only valid reads
are Data# Polling and Toggle Bit. During the internal Pro-
gram operation, the host is free to perform additional tasks.
Any commands issued during the internal Program opera-
tion are ignored. During the command sequence, WP#
should be statically held high or low.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system
to erase the device on a sector-by-sector (or block-by-
block) basis. The SST39WF1601/1602 offer both Sector-
Erase and Block-Erase modes. The sector architecture is
based on uniform sector size of 2 KWord. The Block-Erase
mode is based on uniform block size of 32 KWord. The
Sector-Erase operation is initiated by executing a six-byte
command sequence with Sector-Erase command (30H)
and sector address (SA) in the last bus cycle. The Block-
Erase operation is initiated by executing a six-byte com-
mand sequence with Block-Erase command (50H) and
block address (BA) in the last bus cycle. The sector or block
address is latched on the falling edge of the sixth WE#
pulse, while the command (30H or 50H) is latched on the
rising edge of the sixth WE# pulse. The internal Erase
operation begins after the sixth WE# pulse. The End-of-
Erase operation can be determined using either Data#
Polling or Toggle Bit methods. See Figures 10 and 11 for
timing waveforms and Figure 24 for the flowchart. Any
commands issued during the Sector- or Block-Erase oper-
ation are ignored. When WP# is low, any attempt to Sector-
(Block-) Erase the protected block will be ignored. During
the command sequence, WP# should be statically held
high or low.


Similar Part No. - SST39WF1602

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF1602 SST-SST39WF1602 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1602 SST-SST39WF1602 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1602-90-4C-B3KE SST-SST39WF1602-90-4C-B3KE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1602-90-4C-B3QE SST-SST39WF1602-90-4C-B3QE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1602-90-4C-MBKE SST-SST39WF1602-90-4C-MBKE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results

Similar Description - SST39WF1602

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com