Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST26VF032-80-5I-S2E Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST26VF032-80-5I-S2E
Description  Serial Quad I/O (SQI) Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032-80-5I-S2E Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST26VF032-80-5I-S2E Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 9Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 10Page - Silicon Storage Technology, Inc SST26VF032-80-5I-S2E Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
©2010 Silicon Storage Technology, Inc.
S71359-05-000
06/10
7
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
Data Sheet
Device Protection
The SST26VF016/032 have a Block-Protection register which provides a software mechanism to write-
lock the array and write-lock, and/or read-lock, the parameter blocks. The Block-Protection Register is
48/80 bits wide per device: two bits each for the eight 8 KByte parameter blocks (write-lock and read-
lock), and one bit each for the remaining 32 KByte and 64 KByte overlay blocks (write-lock). See
Tables 8 - 9 for address range protected per register bit.
Each bit in the Block-Protection Register can be written to a ‘1’ (protected) or ‘0’ (unprotected). For the
parameter blocks, the most significant bit is for read-lock, and the least significant bit is for write-lock. Read-
locking the parameter blocks provides additional security for sensitive data after retrieval (e.g., after initial
boot). If a block is read-locked all reads to the block return data 00H. All blocks are write-locked and read-
unlocked after power-up or reset. The Write Block Locking Register command is a two cycle command
requiring Write-Enable (WREN) to be executed prior to the Write Block-Protection Register command.
Figure 6: Block Locking Memory Map
1359 F40.2
Top of Memory Block
8 KByte
8 KByte
8 KByte
8 KByte
32 KByte
64 KByte
64 KByte
64 KByte
32 KByte
8 KByte
8 KByte
8 KByte
8 KByte
Read Lock
Write Lock
Read Lock
Write Lock
Write Lock
Bottom of Memory Block


Similar Part No. - SST26VF032-80-5I-S2E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF032 SST-SST26VF032 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104I/MF MICROCHIP-SST26VF032B-104I/MF Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104I/SM MICROCHIP-SST26VF032B-104I/SM Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104I/TD MICROCHIP-SST26VF032B-104I/TD Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

Similar Description - SST26VF032-80-5I-S2E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
   1.8V Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
   3.0V Serial Quad I/O (SQI) Flash Memory
2013
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
   1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF064C MICROCHIP-SST26WF064C Datasheet
4Mb / 94P
   1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
Revision C / Sept 2018
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
   2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com