Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35716JFE Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F35716JFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35716JFE Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F35716JFE Datasheet HTML 27Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 28Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 29Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 30Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 31Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 32Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 33Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 34Page - Renesas Technology Corp R5F35716JFE Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 31 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
3. Memory
Figure 3.1
Memory Map
Notes:
1. Do not access these reserved areas.
2. Do not change the data from FFh.
00000h
XXXXXh
0D000h
00400h
0D800h
0E000h
10000h
14000h
YYYYYh
FFFFFh
FFFFFh
FFFDBh
FFFD8h
FFE00h
256 bytes beginning with the start
address set in the INTB register
13FFFh
13FF0h
13000h
Reserved (1)
Reserved (1)
Internal ROM
(Data flash)
Internal ROM
(Program ROM 2)
SFRs
SFRs
Internal RAM
Reserved (1)
Internal ROM
(Program ROM 1)
On-chip debugger
monitor area
User boot code area
Relocatable vector table
Special page vector
table
Reserved (2)
Fixed vector table
ID code write address
OFS1 address
OSF2 address
Internal RAM
Capacity
XXXXXh
8 Kbytes
023FFh
12 Kbytes
033FFh
20 Kbytes
053FFh
Internal ROM
Capacity
YYYYYh
96 Kbytes
E8000h
128 Kbytes
E0000h
256 Kbytes
C0000h
The above assumes the following:
-The PM10 bit in the PM1 register is set to 1 (addresses from 0E000h to 0FFFFh are used as data flash)
-The PRG2C0 bit in the PRG2C register is set to 0 (program ROM 2 enabled)


Similar Part No. - R5F35716JFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F35716JFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com