Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF032B-88-4I-QE Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST25VF032B-88-4I-QE
Description  32 Mbit SPI Serial Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF032B-88-4I-QE Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25VF032B-88-4I-QE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
32 Mbit SPI Serial Flash
SST25VF032B
5
©2009 Silicon Storage Technology, Inc.
S71327-03-000
05/09
Hold Operation
The HOLD# pin is used to pause a serial sequence using
the SPI flash memory, but without resetting the clocking
sequence. To activate the HOLD# mode, CE# must be in
active low state. The HOLD# mode begins when the SCK
active low state coincides with the falling edge of the
HOLD# signal. The HOLD mode ends when the HOLD#
signal’s rising edge coincides with the SCK active low state.
If the falling edge of the HOLD# signal does not coincide
with the SCK active low state, then the device enters Hold
mode when the SCK next reaches the active low state.
Similarly, if the rising edge of the HOLD# signal does not
coincide with the SCK active low state, then the device
exits from Hold mode when the SCK next reaches the
active low state. See Figure 4 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven high during a Hold condition, the device
returns to Standby mode. As long as HOLD# signal is low,
the memory remains in the Hold condition. To resume
communication with the device, HOLD# must be driven
active high, and CE# must be driven active low. See Figure
4 for Hold timing.
FIGURE 4: Hold Condition Waveform
Write Protection
SST25VF032B provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-down
function of the status register. The Block-Protection bits
(BP3, BP2, BP1, BP0, and BPL) in the status register pro-
vide Write protection to the memory array and the status
register. See Table 4 for the Block-Protection description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down func-
tion of the BPL bit (bit 7) in the status register. When WP#
is driven low, the execution of the Write-Status-Register
(WRSR) instruction is determined by the value of the BPL
bit (see Table 2). When WP# is high, the lock-down func-
tion of the BPL bit is disabled.
Active
Hold
Active
Hold
Active
1327 F05.0
SCK
HOLD#
TABLE
2: Conditions to execute Write-Status-
Register (WRSR) Instruction
WP#
BPL
Execute WRSR Instruction
L
1
Not Allowed
L0
Allowed
HX
Allowed
T2.0 1327


Similar Part No. - SST25VF032B-88-4I-QE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF032B-80-4I-QAE MICROCHIP-SST25VF032B-80-4I-QAE Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results

Similar Description - SST25VF032B-88-4I-QE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com