Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF512 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST25VF512
Description  512 Kbit SPI Serial Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF512 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST25VF512_10 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
512 Kbit SPI Serial Flash
SST25VF512
9
©2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
Auto Address Increment (AAI) Program
The AAI program instruction allows multiple bytes of data to
be programmed without re-issuing the next sequential
address location. This feature decreases total program-
ming time when the entire memory array is to be pro-
grammed. An AAI program instruction pointing to a
protected memory area will be ignored. The selected
address range must be in the erased state (FFH) when ini-
tiating an AAI program instruction.
Prior to any write operation, the Write-Enable (WREN)
instruction must be executed. The AAI program instruction
is initiated by executing an 8-bit command, AFH, followed
by address bits [A23-A0]. Following the addresses, the data
is input sequentially from MSB (bit 7) to LSB (bit 0). CE#
must be driven high before the AAI program instruction is
executed. The user must poll the BUSY bit in the software
status register or wait TBP for the completion of each inter-
nal self-timed Byte-Program cycle. Once the device com-
pletes programming byte, the next sequential address may
be program, enter the 8-bit command, AFH, followed by the
data to be programmed. When the last desired byte had
been programmed, execute the Write-Disable (WRDI)
instruction, 04H, to terminate AAI. After execution of the
WRDI command, the user must poll the Status register to
ensure the device completes programming. See Figure 6
for AAI programming sequence.
There is no wrap mode during AAI programming; once the
highest unprotected memory address is reached, the
device will exit AAI operation and reset the Write-Enable-
Latch bit (WEL = 0).
FIGURE 6: AUTO ADDRESS INCREMENT (AAI) PROGRAM SEQUENCE
CE#
SI
SCK
A[23:16] A[15:8]
A[7:0]
AF
Data Byte 1
AF
Data Byte 2
CE#
SI
SO
SCK
Write Disable (WRDI)
Instruction to terminate
AAI Operation
Read Status Register (RDSR)
Instruction to verify end of
AAI Operation
04
Last Data Byte
AF
05
DOUT
MODE 3
MODE 0
TBP
TBP
TBP
1192 F39.10
0 1 2 3 4 5 6 7 8
3233343536373839
15 16
23 24
31
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
01
01234567
0123456789 10 11 12 13 14 15
0123456789 10 11 12 13 14 15


Similar Part No. - SST25VF512_10

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512-20-4C-QA SST-SST25VF512-20-4C-QA Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QA SST-SST25VF512-20-4C-QA Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-SA SST-SST25VF512-20-4C-SA Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
More results

Similar Description - SST25VF512_10

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com