Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25LF020A-33-4E-QAE Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST25LF020A-33-4E-QAE
Description  2 Mbit SPI Serial Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF020A-33-4E-QAE Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST25LF020A-33-4E-QAE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25LF020A-33-4E-QAE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Data Sheet
2 Mbit SPI Serial Flash
SST25LF020A
©2010 Silicon Storage Technology, Inc.
S71242-07-000
01/10
PRODUCT IDENTIFICATION
MEMORY ORGANIZATION
The SST25LF020A SuperFlash memory array is orga-
nized in 4 KByte sectors with 32 KByte overlay blocks.
DEVICE OPERATION
The SST25LF020A is accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI bus
consist of four control lines; Chip Enable (CE#) is used to
select the device, and data is accessed through the Serial
Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK).
The SST25LF020A supports both Mode 0 (0,0) and Mode
3 (1,1) of SPI bus operations. The difference between the
two modes, as shown in Figure 3, is the state of the SCK
signal when the bus master is in Stand-by mode and no
data is being transferred. The SCK signal is low for Mode 0
and SCK signal is high for Mode 3. For both modes, the
Serial Data In (SI) is sampled at the rising edge of the SCK
clock signal and the Serial Data Output (SO) is driven after
the falling edge of the SCK clock signal.
FIGURE 3: SPI Protocol
TABLE
2: Product Identification
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25LF020A
00001H
43H
T2.0 1242
1242 F02.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB


Similar Part No. - SST25LF020A-33-4E-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25LF020A-33-4E-QAE SST-SST25LF020A-33-4E-QAE Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results

Similar Description - SST25LF020A-33-4E-QAE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com