Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF020B Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST25VF020B
Description  2 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF020B Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST25VF020B Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet
2 Mbit SPI Serial Flash
SST25VF020B
7
©2010 Silicon Storage Technology, Inc.
S71417-02-000
04/10
Power-up
Write-Disable (WRDI) instruction completion
Byte-Program instruction completion
Auto Address Increment (AAI) programming is
completed or reached its highest unprotected
memory address
Sector-Erase instruction completion
Block-Erase instruction completion
Chip-Erase instruction completion
Write-Status-Register instructions
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit pro-
vides status on whether the device is in AAI programming
mode or Byte-Program mode. The default at power up is
Byte-Program mode.
Block Protection (BP1, BP0)
The Block-Protection (BP1, BP0) bits define the size of the
memory area, as defined in Table 5, to be software pro-
tected against any memory Write (Program or Erase)
operation. The Write-Status-Register (WRSR) instruction
is used to program the BP1 and BP0 bits as long as WP#
is high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase
can only be executed if Block-Protection bits are all 0. After
power-up, BP1 and BP0 are set to 1.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents any
further alteration of the BPL, BP1, and BP0 bits of the sta-
tus register and BSP and TSP of Status Register 1. When
the WP# pin is driven high (VIH), the BPL bit has no effect
and its value is “Don’t Care”. After power-up, the BPL bit is
reset to 0.
Top-Sector Protection/Bottom-Sector Protection
The Top-Sector Protection (TSP) and Bottom-Sector Pro-
tection (BSP) bits independently indicate whether the high-
est and lowest sector locations are Write locked or Write
accessible. When TSP or BSP is set to ‘1’, the respective
sector is Write locked; when set to ‘0’ the respective sector
is Write accessible. If TSP or BSP is set to '1' and if the top
or bottom sector is within the boundary of the target
address range of the program or erase instruction, the initi-
ated instruction (Byte-Program, AAI-Word Program, Sec-
tor-Erase, Block-Erase, and Chip-Erase) will not be
executed. Upon power-up, the TSP and BSP bits are auto-
matically reset to ‘0’.
TABLE
5: Software Status Register Block Protection FOR SST25VF020B1
1. X = Don’t Care (RESERVED) default is “0
Protection Level
Status Register Bit2
2. Default at power-up for BP1 and BP0 is ‘11’. (All Blocks Protected)
Protected Memory Address
BP1
BP0
2 Mbit
00
0
None
1 (1/4 Memory Array)
0
1
030000H-03FFFFH
1 (1/2 Memory Array)
1
0
020000H-03FFFFH
1 (Full Memory Array)
1
1
000000H-03FFFFH
T5.0 1417


Similar Part No. - SST25VF020B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
SST25VF020B-80-4C-Q3AE MICROCHIP-SST25VF020B-80-4C-Q3AE Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
SST25VF020B-80-4C-QAE MICROCHIP-SST25VF020B-80-4C-QAE Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
SST25VF020B-80-4C-SAE MICROCHIP-SST25VF020B-80-4C-SAE Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
More results

Similar Description - SST25VF020B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com