Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF016B Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST25VF016B
Description  16 Mbit SPI Serial Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF016B Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25VF016B_10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF016B_10 Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
16 Mbit SPI Serial Flash
SST25VF016B
11
©2008 Silicon Storage Technology, Inc.
S71271-03-000
9/08
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 7 for the
Byte-Program sequence.
FIGURE 7: Byte-Program Sequence
1271 ByteProg.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB


Similar Part No. - SST25VF016B_10

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_11 Datasheet
3Mb / 31P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results

Similar Description - SST25VF016B_10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF016B MICROCHIP-SST25VF016B Datasheet
394Kb / 30P
   16 Mbit SPI Serial Flash
07/14/15
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_11 Datasheet
3Mb / 31P
   16 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com