Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2510F32RSP Datasheet(PDF) 70 Page - Texas Instruments

Part # CC2510F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2510F32RSP Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC2510F32RSP Datasheet HTML 66Page - Texas Instruments CC2510F32RSP Datasheet HTML 67Page - Texas Instruments CC2510F32RSP Datasheet HTML 68Page - Texas Instruments CC2510F32RSP Datasheet HTML 69Page - Texas Instruments CC2510F32RSP Datasheet HTML 70Page - Texas Instruments CC2510F32RSP Datasheet HTML 71Page - Texas Instruments CC2510F32RSP Datasheet HTML 72Page - Texas Instruments CC2510F32RSP Datasheet HTML 73Page - Texas Instruments CC2510F32RSP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055F
Page 70 of 241
11.4.3
Hardware Breakpoints
The debug command SET_HW_BRKPNT is
used to set a hardware breakpoint. The
CC2510Fx/CC2511Fx
supports
up
to
four
hardware breakpoints. When a hardware
breakpoint is enabled it will compare the CPU
address bus with the breakpoint. When a
match occurs, the CPU is halted.
When issuing the SET_HW_BRKPNT debug
command, the external host must supply three
data
bytes
that
define
the
hardware
breakpoint. The hardware breakpoint itself
consists of 18 bits while three bits are used for
control purposes. The format of the three data
bytes for the SET_HW_BRKPNT command is
as follows.
The first data byte consists of the following:
Bit
Description
7:5
Unused
4:3
Breakpoint number; 0 - 3
Breakpoint enable
0
Disable
2
1
Enable
1:0
Reserved. Must be 00.
The second data byte consists of bits 15 - 8 of
the hardware breakpoint while the third data
byte consists of bits 7 - 0 of the hardware
breakpoint. This means that the second and
third data byte sets the CPU CODE address
where the CPU is halted.
11.4.4
Flash Programming
Programming of the on-chip flash is performed
via the debug interface. The external host
must initially send instructions using the
DEBUG_INSTR debug command to perform
the
flash
programming
with
the
Flash
Controller as described in Section 12.3.
Command
Instruction Code
Description
CHIP_ERASE
0001 0100
Perform flash chip erase (mass erase). The debug interface will be enabled
and no parts of flash will be write-protected after issuing this command. Do not
use any other commands than READ_STATUS until mass erase has
completed. Return 1 status byte to host
WR_CONFIG
0001 1101
Write configuration data. Return 1 status byte to host. Refer to Table 46 for
details.
RD_CONFIG
0010 0100
Read configuration data. Return value set by WR_CONFIG command
GET_PC
0010 1000
Return value of 16-bit program counter
READ_STATUS
0011 0100
Read status byte. Refer to Table 47
SET_HW_BRKPNT
0011 1011
Set hardware breakpoint
HALT
0100 0100
Halt CPU operation. Return 1 status byte to host
RESUME
0100 1100
Resume CPU operation. To run this command, the CPU must have been
halted. Return 1 status byte to host
DEBUG_INSTR
0101 01yy
Run debug instruction. The supplied instruction will be executed by the CPU
without incrementing the program counter. To run this command, the CPU
must have been halted. Return 1 status byte to host.
yy: Number of bytes in the CPU instruction (see Table 37). Valid values are 01,
10, and 11
STEP_INSTR
0101 1100
Step CPU instruction. The CPU will execute the next instruction from program
memory and increment the program counter after execution. To run this
command, the CPU must have been halted. Return 1 status byte to host
STEP_REPLACE
0110 01 yy
Step and replace CPU instruction. The supplied instruction will be executed by
the CPU instead of the next instruction in program memory. The program
counter will be incremented after execution. To run this command, the CPU
must have been halted. Return 1 status byte to host.
yy: Number of bytes in the CPU instruction (see Table 37). Valid values are 01,
10, and 11
GET_CHIP_ID
0110 1000
Return value of 16-bit chip ID (PARTNUM:VERSION).
Table 45: Debug Commands


Similar Part No. - CC2510F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510F32RSP TI1-CC2510F32RSP Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F32RSPR TI1-CC2510F32RSPR Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC2510F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com