Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2510F8RSP Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2510F8RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2510F8RSP Datasheet(HTML) 1 Page - Texas Instruments

  CC2510F8RSP Datasheet HTML 1Page - Texas Instruments CC2510F8RSP Datasheet HTML 2Page - Texas Instruments CC2510F8RSP Datasheet HTML 3Page - Texas Instruments CC2510F8RSP Datasheet HTML 4Page - Texas Instruments CC2510F8RSP Datasheet HTML 5Page - Texas Instruments CC2510F8RSP Datasheet HTML 6Page - Texas Instruments CC2510F8RSP Datasheet HTML 7Page - Texas Instruments CC2510F8RSP Datasheet HTML 8Page - Texas Instruments CC2510F8RSP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055F
Page 1 of 241
Low-Power SoC (System-on-Chip) with MCU, Memory,
2.4 GHz RF Transceiver, and USB Controller
Applications
• 2400 - 2483.5 MHz ISM/SRD band
systems
• Consumer electronics
• Wireless keyboard and mouse
• Wireless voice-quality audio
• RF enabled remote controls
• Wireless sports and leisure equipment
• Low power telemetry
CC2511Fx: USB dongles
Product Description
The
CC2510Fx/CC2511Fx is a true low-cost 2.4
GHz system-on-chip (SoC) designed for low-
power
wireless
applications.
The
CC2510Fx/CC2511Fx combines the excellent
performance
of
the
state-of-the-art
RF
transceiver
CC2500 with an industry-standard
enhanced 8051 MCU, up to 32 kB of in-system
programmable flash memory and 4 kB of
RAM, and many other powerful features. The
small 6x6 mm package makes it very suited
for applications with size limitations.
The
CC2510Fx/CC2511Fx is highly suited for
systems where very low power consumption is
required. This is ensured by several advanced
low-power operating modes. The
CC2511Fx
adds a full-speed USB controller to the feature
set of the
CC2510Fx. Interfacing to a PC using
the USB interface is quick and easy, and the
high data rate (12 Mbps) of the USB interface
avoids the bottlenecks of RS-232 or low-speed
USB interfaces.
Key Features
• Radio
o High-performance RF transceiver based on
the market-leading CC2500
o Excellent receiver selectivity and blocking
performance
o High sensitivity (−103 dBm at 2.4 kBaud)
o Programmable data rate up to 500 kBaud
o Programmable output power up to 1 dBm for
all supported frequencies
o Frequency range: 2400 - 2483.5 MHz
o Digital RSSI / LQI support
• Current Consumption
o Low current consumption (RX: 17.1 mA @
2.4 kBaud, TX: 16 mA @ −6 dBm output
power)
o 0.3 µA in PM3 (the operating mode with the
lowest power consumption)
• MCU, Memory, and Peripherals
o High performance and low power 8051
microcontroller core.
o 8/16/32 kB in-system programmable flash,
and 1/2/4 kB RAM
o Full-Speed USB Controller with 1 kB USB
FIFO (
CC2511Fx )
o I
2S interface
o 7 - 12 bit ADC with up to eight inputs
o 128-bit AES security coprocessor
o Powerful DMA functionality
o Two USARTs
o 16-bit timer with DSM mode
o Three 8-bit timers
o Hardware debug support
o 21 (CC2510Fx ) or 19 (CC2511Fx ) GPIO pins
• General
o Wide supply voltage range (2.0V - 3.6V)
o Green package: RoHS compliant and no
antimony or bromine, 6x6mm QFN 36


Similar Part No. - CC2510F8RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510F8RSP TI1-CC2510F8RSP Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RSPR TI1-CC2510F8RSPR Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC2510F8RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com