Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357FEKFB Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F357FEKFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357FEKFB Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F357FEKFB Datasheet HTML 42Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 43Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 44Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 45Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 46Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 47Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 48Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 49Page - Renesas Technology Corp R5F357FEKFB Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 46 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.15
SFR Information (15) (1)
Address
Register
Symbol
Reset Value
0300h
Timer B3/B4/B5 Count Start Flag
TBSR
000X XXXXb
0301h
0302h
Timer A1-1 Register
TA11
XXh
0303h
XXh
0304h
Timer A2-1 Register
TA21
XXh
0305h
XXh
0306h
Timer A4-1 Register
TA41
XXh
0307h
XXh
0308h
Three-Phase PWM Control Register 0
INVC0
00h
0309h
Three-Phase PWM Control Register 1
INVC1
00h
030Ah
Three-Phase Output Buffer Register 0
IDB0
XX11 1111b
030Bh
Three-Phase Output Buffer Register 1
IDB1
XX11 1111b
030Ch
Dead Time Timer
DTT
XXh
030Dh
Timer B2 Interrupt Generation Frequency Set Counter
ICTB2
XXh
030Eh
Position-Data-Retain Function Control Register
PDRF
XXXX 0000b
030Fh
0310h
Timer B3 Register
TB3
XXh
0311h
XXh
0312h
Timer B4 Register
TB4
XXh
0313h
XXh
0314h
Timer B5 Register
TB5
XXh
0315h
XXh
0316h
0317h
0318h
Port Function Control Register
PFCR
0011 1111b
0319h
031Ah
031Bh
Timer B3 Mode Register
TB3MR
00XX 0000b
031Ch
Timer B4 Mode Register
TB4MR
00XX 0000b
031Dh
Timer B5 Mode Register
TB5MR
00XX 0000b
031Eh
031Fh
0320h
Count Start Flag
TABSR
00h
0321h
0322h
One-Shot Start Flag
ONSF
00h
0323h
Trigger Select Register
TRGSR
00h
0324h
Increment/Decrement Flag
UDF
00h
0325h
0326h
Timer A0 Register
TA0
XXh
0327h
XXh
0328h
Timer A1 Register
TA1
XXh
0329h
XXh
032Ah
Timer A2 Register
TA2
XXh
032Bh
XXh
032Ch
Timer A3 Register
TA3
XXh
032Dh
XXh
032Eh
Timer A4 Register
TA4
XXh
032Fh
XXh
X: Undefined


Similar Part No. - R5F357FEKFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357FEKFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com