Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357EEKFB Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F357EEKFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357EEKFB Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F357EEKFB Datasheet HTML 45Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 46Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 47Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 48Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 49Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 50Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 51Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 52Page - Renesas Technology Corp R5F357EEKFB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 49 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.18
SFR Information (18) (1)
Address
Register
Symbol
Reset Value
0390h
DMA2 Source Select Register
DM2SL
00h
0391h
0392h
DMA3 Source Select Register
DM3SL
00h
0393h
0394h
0395h
0396h
0397h
0398h
DMA0 Source Select Register
DM0SL
00h
0399h
039Ah
DMA1 Source Select Register
DM1SL
00h
039Bh
039Ch
039Dh
039Eh
039Fh
03A0h
03A1h
03A2h
Open-Circuit Detection Assist Function Register
AINRST
XX00 XXXXb
03A3h
03A4h
03A5h
03A6h
03A7h
03A8h
03A9h
03AAh
03ABh
03ACh
03ADh
03AEh
03AFh
03B0h
03B1h
03B2h
03B3h
03B4h
SFR Snoop Address Register
CRCSAR
XXXX XXXXb
03B5h
00XX XXXXb
03B6h
CRC Mode Register
CRCMR
0XXX XXX0b
03B7h
03B8h
03B9h
03BAh
03BBh
03BCh
CRC Data Register
CRCD
XXh
03BDh
XXh
03BEh
CRC Input Register
CRCIN
XXh
03BFh
X: Undefined


Similar Part No. - R5F357EEKFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357EEKFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com