Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F3573EKFB Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F3573EKFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3573EKFB Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F3573EKFB Datasheet HTML 40Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 41Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 42Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 43Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 44Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 45Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 46Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 47Page - Renesas Technology Corp R5F3573EKFB Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 44 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.13
SFR Information (13) (1)
Address
Register
Symbol
Reset Value
02A0h
02A1h
02A2h
02A3h
02A4h
02A5h
02A6h
02A7h
02A8h
UART3 Transmit/Receive Mode Register
U3MR
00h
02A9h
UART3 Bit Rate Register
U3BRG
XXh
02AAh
UART3 Transmit Buffer Register
U3TB
XXh
02ABh
XXh
02ACh
UART3 Transmit/Receive Control Register 0
U3C0
0000 1000b
02ADh
UART3 Transmit/Receive Control Register 1
U3C1
0000 0010b
02AEh
UART3 Receive Buffer Register
U3RB
XXh
02AFh
XXh
02B0h
I2C0 Data Shift Register
S00
XXh
02B1h
02B2h
I2C0 Address Register 0
S0D0
0000 000Xb
02B3h
I2C0 Control Register 0
S1D0
00h
02B4h
I2C0 Clock Control Register
S20
00h
02B5h
I2C0 Start/Stop Condition Control Register
S2D0
0001 1010b
02B6h
I2C0 Control Register 1
S3D0
0011 0000b
02B7h
I2C0 Control Register 2
S4D0
00h
02B8h
I2C0 Status Register 0
S10
0001 000Xb
02B9h
I2C0 Status Register 1
S11
XXXX X000b
02BAh
I2C0 Address Register 1
S0D1
0000 000Xb
02BBh
I2C0 Address Register 2
S0D2
0000 000Xb
02BCh
02BDh
02BEh
02BFh
02C0h
Time Measurement Register 0
Waveform Generation Register 0
G1TM0
G1PO0
XXh
02C1h
XXh
02C2h
Time Measurement Register 1
Waveform Generation Register 1
G1TM1
G1PO1
XXh
02C3h
XXh
02C4h
Time Measurement Register 2
Waveform Generation Register 2
G1TM2
G1PO2
XXh
02C5h
XXh
02C6h
Time Measurement Register 3
Waveform Generation Register 3
G1TM3
G1PO3
XXh
02C7h
XXh
02C8h
Time Measurement Register 4
Waveform Generation Register 4
G1TM4
G1PO4
XXh
02C9h
XXh
02CAh
Time Measurement Register 5
Waveform Generation Register 5
G1TM5
G1PO5
XXh
02CBh
XXh
02CCh
Time Measurement Register 6
Waveform Generation Register 6
G1TM6
G1PO6
XXh
02CDh
XXh
02CEh
Time Measurement Register 7
Waveform Generation Register 7
G1TM7
G1PO7
XXh
02CFh
XXh
X: Undefined


Similar Part No. - R5F3573EKFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F3573EKFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com