Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKY-T10 Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # OKY-T10
Description  Programmable DOSA-SMT 10/16-Amp DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKY-T10 Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button OKY-T10_10 Datasheet HTML 7Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 8Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 9Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 10Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 11Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 12Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 13Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 14Page - Murata Power Solutions Inc. OKY-T10_10 Datasheet HTML 15Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PERFORMANCE DATA AND OSCILLOGRAMS – OKY2-T/16-W5
Efficiency vs. Line Voltage and Load Current @ +25°C
(VOUT = 1.8V)
Output Ripple and Noise (Vin=5V, Vout=1.8V, Iout=16A, Cload=0, ScopeBW=100MHz)
Step Load Transient Response (Vin=5V, Vout=1.8V, Cload=0, Iout=8A to 16A)
Trace 1=Vout, 100 mV/div. Trace 4=Iout, 5A/div.
On/Off Enable Startup Delay (Vin=5V, Vout=1.8V, Iout=16A, Cload=0)
Trace 2=Enable In, Trace 1=Vout
Step Load Transient Response (Vin=5V, Vout=1.8V, Cload=0, Iout=16A to 8A)
Trace 1=Vout, 100 mV/div. Trace 4=Iout, 5A/div.
2
4
6
8
10
12
14
16
0
50
55
60
65
70
75
80
85
90
95
100
Load C urre nt (Amps)
VIN = 3V
VIN = 5V
VIN = 5.5V
Maximum Current Temperature Derating vs. Airflow at sea level
(Vin=5V, Vout=1.8V, airflow direction is transverse)
14.00
14.25
14.50
14.75
15.00
15.25
15.50
15.75
16.00
16.25
16.50
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Ambient Temperature (ºC)
Natural convection
100 LFM
200 LFM
300 LFM
400 LFM
OKY-T/10 & T/16-W5 Series
Programmable DOSA-SMT 10/16-Amp DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
22 Mar 2010
MDC_OKY_T10T16.W5.A03 Page 11 of 16


Similar Part No. - OKY-T10_10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKY-T10 MURATA-PS-OKY-T10_1 Datasheet
651Kb / 17P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
More results

Similar Description - OKY-T10_10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKY-T10 MURATA-PS-OKY-T10_1 Datasheet
651Kb / 17P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10 Datasheet
169Kb / 3P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX MURATA-PS-OKX Datasheet
518Kb / 15P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKI-T3-W40 MURATA-PS-OKI-T3-W40 Datasheet
518Kb / 12P
   Adjustable Output 3-Amp DOSA-SMT DC/DC Converters
logo
Murata Manufacturing Co...
LSM2-T MURATA-LSM2-T Datasheet
1Mb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com