Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKR-T10-W12 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # OKR-T10-W12
Description  Adjustable Output 10-Amp SIP-mount DC/DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKR-T10-W12 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  OKR-T10-W12 Datasheet HTML 1Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 2Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 3Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 4Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 5Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 6Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 7Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 8Page - Murata Power Solutions Inc. OKR-T10-W12 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Input
Input Voltage Range
See Ordering Guide
Recommended External Fuse
20 Amps
Reverse Polarity Protection (Note 9)
None. Use an external fuse.
Isolation
Not isolated. The input and output
commons are internally connected.
Start-Up Voltage
4.2 Volts
Undervoltage Shutdown
3.4 Volts
Reflected (Back) Ripple Current (Note 2) 20 mA pk-pk
Internal Input Filter Type
Capacitive
Input Current:
Full Load Conditions
See Ordering Guide
Inrush Transient
0.4 A2Sec.
Shutdown Mode (Off, UV, OT)
5 mA
Output Short Circuit
60 mA
No Load, 5V out
80 mA
Low Line (Vin=Vmin, 5Vout)
7.6 Amps
Remote On/Off Control (Note 5)
[Standard version]
Positive Logic
ON = +1.5 V. to +Vin max. or open pin
OFF = –0.3 to +0.4 V. max. or ground pin
Current
1 mA
Remote On/Off Control
[“E” version]
Positive Logic
ON = +2 V. to +Vin max.,
49KΩ pulldown to ground
OFF = open pin or –0.3 to +0.4 V. max.
Current
1 mA max.
Turn-on Time:
Vin on to Vout regulated
6 mSec
Remote On to Vout regulated
6 mSec
Output
Minimum Loading
No minimum load
Output Current Range
0 to 10 Amps
(to rated specifications)
Accuracy (50% load, no trim)
±2 % of Vnom
Temperature Coefficient
±0.02% per °C. of Vout range
Ripple/Noise (20 MHz bandwidth)
See Ordering Guide and note 14
Line/Load Regulation
See Ordering Guide and note 10
Efficiency
See Ordering Guide and performance
graphs
Maximum Capacitive Loading
Cap-ESR=0.001 to 0.015 Ohms
200
μF
Cap-ESR >0.015 Ohms
1000
μF
Current Limit Inception
19 Amps
(98% of Vout setting, after warm up)
Short Circuit Mode (Notes 6, 12)
Short Circuit Current Output
0.6 Amp
Protection Method
Hiccup autorecovery upon overload
removal. (Note 8)
Short Circuit Duration
Continuous, no damage
(output shorted to ground)
Overvoltage protection
None
Performance/Functional Specifications
All specifications are typical unless noted See Note 1.
Dynamic Characteristics
Dynamic Load Response (50 to 100% load step, no external caps)
di/dt = 5 A/
μSec
40
μSec to within ±2% of final value
Peak Deviation
300 mV
Switching Frequency
600 KHz
Environmental
Calculated MTBF (Note 4)
TBD
Operating Temperature Range
-40 to +85 °C., See derating curves
Operating PC Board Range, no derating -40 to +100 °C.
Storage Temperature Range
-55 to +125 °C.
Thermal Protection/Shutdown
+120 °C.
Relative Humidity
to 85%/+85
°C.
Restriction of Hazardous Substances
RoHS-6 (does not claim EU RoHS exemption
7b–lead in solder)
Physical
Outline Dimensions
See Mechanical Specifications
Weight
0.07 ounces (2 grams)
Safety
Meets UL/cUL 60950-1
CSA-C22.2 No. 60950-1
IEC/EN 60950-1
Absolute Maximum Ratings
Input Voltage
Continuous or transient
15 Volts max.
Output Power
50 Watts max. (OKR-T/10-W12)
On/Off Control
0 Volts. min. to +Vin. max.
Input Reverse Polarity Protection
See Fuse section
Output Current
Current-limited. Devices can withstand
sustained short circuit without damage.
Storage Temperature
-40 to +125 deg. C.
Absolute maximums are stress ratings. Exposure of devices to greater than any of these
conditions may adversely affect long-term reliability. Proper operation under conditions
other than those listed in the Performance/Functional Specifications Table is not implied or
recommended.
CAUTION: This product is not internally fused. To comply with safety agency certifications
and to avoid injury to personnel or equipment, the user must supply an external fast-blow
fuse to the input terminals.
OKR-T/10-W12 Series
Adjustable Output 10-Amp SIP-mount DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
MDC_14 Jan 2010
MDC_OKR-T/10-W12 Series.A02_long Page 4 of 9


Similar Part No. - OKR-T10-W12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKR-T MURATA-OKR-T Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T MURATA-PS-OKR-T Datasheet
491Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
OKR-T-10-W12 MURATA-OKR-T-10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
OKR-T-6 MURATA-OKR-T-6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
OKR-T/1.5-W12-C MURATA-OKR-T/1.5-W12-C Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
More results

Similar Description - OKR-T10-W12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKR-T-10-W12 MURATA-OKR-T-10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
OKR-T MURATA-OKR-T Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
OKR-T-6 MURATA-OKR-T-6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T3 MURATA-PS-OKR-T3 Datasheet
220Kb / 3P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
OKR-T6 MURATA-PS-OKR-T6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
OKR-T3 MURATA-PS-OKR-T3_10 Datasheet
475Kb / 11P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
OKR-T MURATA-PS-OKR-T Datasheet
491Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
LSS-T10-W12 MURATA-LSS-T10-W12 Datasheet
600Kb / 8P
   Adjustable Output 10 Amp SIP-mount DC/DC Converter
logo
Murata Power Solutions ...
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com