Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F357C6KFB Datasheet(PDF) 31 Page - Renesas Technology Corp

Part No. R5F357C6KFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F357C6KFB Datasheet(HTML) 31 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 31 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
3. Memory
Figure 3.1
Memory Map
Notes:
1. Do not access these reserved areas.
2. Do not change the data from FFh.
00000h
XXXXXh
0D000h
00400h
0D800h
0E000h
10000h
14000h
YYYYYh
FFFFFh
FFFFFh
FFFDBh
FFFD8h
FFE00h
256 bytes beginning with the start
address set in the INTB register
13FFFh
13FF0h
13000h
Reserved (1)
Reserved (1)
Internal ROM
(Data flash)
Internal ROM
(Program ROM 2)
SFRs
SFRs
Internal RAM
Reserved (1)
Internal ROM
(Program ROM 1)
On-chip debugger
monitor area
User boot code area
Relocatable vector table
Special page vector
table
Reserved (2)
Fixed vector table
ID code write address
OFS1 address
OSF2 address
Internal RAM
Capacity
XXXXXh
8 Kbytes
023FFh
12 Kbytes
033FFh
20 Kbytes
053FFh
Internal ROM
Capacity
YYYYYh
96 Kbytes
E8000h
128 Kbytes
E0000h
256 Kbytes
C0000h
The above assumes the following:
-The PM10 bit in the PM1 register is set to 1 (addresses from 0E000h to 0FFFFh are used as data flash)
-The PRG2C0 bit in the PRG2C register is set to 0 (program ROM 2 enabled)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn