Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F357C6KFB Datasheet(PDF) 24 Page - Renesas Technology Corp

Part No. R5F357C6KFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F357C6KFB Datasheet(HTML) 24 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 24 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 24 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
1. Overview
1.6
Pin Functions
Note:
1.
Please contact the oscillator manufacturer for oscillation characteristic.
Table 1.17
Pin Functions (64-Pin, 80-Pin, and 100-Pin Packages)
Signal Name
Pin Name
I/O
Description
Power supply
VCC, VSS
I
Apply 3.0 V to 5.5 V to the VCC pin and 0 V to the VSS pin.
Analog power
supply
AVCC,
AVSS
I
Power supply for the A/D converter and D/A converter. Pins
AVCC and AVSS should be connected to VCC and VSS,
respectively.
Reset input
RESET
I
Driving this pin low resets the MCU.
CNVSS
CNVSS
I
Connect to VSS via a resistor.
Main clock input
XIN
I
Input/output for the main clock oscillator. Connect a ceramic
resonator or crystal oscillator between XIN and XOUT. (1)
To apply an external clock, connect it to XIN and leave XOUT
open. When XIN is not used, connect XIN to VCC pin and leave
XOUT open.
Main clock output
XOUT
O
Sub clock input
XCIN
I
Input/output for the sub clock oscillator. Connect a crystal
oscillator between XCIN and XCOUT. (1)
Sub clock output
XCOUT
O
Clock output
CLKOUT
O
This pin outputs the clock having the same frequency as f1, f8,
f32, or fC.
INT interrupt input
INT0 to INT5
I
Input for
INT interrupt
NMI input
NMI
I
Input for
NMI
Key input interrupt
KI0 to KI3
I
Input for the key input interrupt
Timer A
TA0OUT to
TA4OUT
I/O
Timers A0 to A4 input/output
TA0IN to TA4IN
I
Timers A0 to A4 input
ZP
I
Input for Z-phase
Timer B
TB0IN to TB2IN
I
Timers B0 to B2 input
Three-phase motor
control timer
U,
U,V,V,W,W
O
Output for three-phase motor control timer
IDU, IDW, IDV,
SD
I
Input for three-phase motor control timer
Real-time clock
RTCOUT
O
Output for real-time clock
Serial interface
UART0 to UART3
CTS0 to CTS3
I
Input to control data transmission
RTS0 to RTS3
O
Output to control data reception
CLK0 to CLK3
I/O
Transfer clock input/output
RXD0 to RXD3
I
Serial data input
TXD0 to TXD3
O
Serial data output
UART2
I2C mode
SDA2
I/O
Serial data input/output
SCL2
I/O
Transfer clock input/output
Multi-master I2C
bus
SDAMM
I/O
Serial data input/output
SCLMM
Transfer clock input/output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn