Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F357C6KFB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part No. R5F357C6KFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F357C6KFB Datasheet(HTML) 14 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 14 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 14 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
1. Overview
Figure 1.5
64-Pin Block Diagram
Port P0
Port P1
Port P2
Port P3
4
3
8
4
Peripherals
Timer (16-bit)
Output (timer A): 5
Input (timer B): 3
Three-phase motor control circuit
Timer S
(Input capture/output compare)
Time measurement: 8 channels
Waveform generating: 8 channels
A/D converter
(10-bit x 16 channels)
UART/clock synchronous serial
interface (4 channels)
Multi-master I2C-bus (1 channel)
Clock generator
XIN-XOUT
XCIN-XCOUT
40 MHz on-chip oscillator
125 kHz on-chip oscillator
PLL frequency synthesizer
CAN module
(32-slot message buffer,
2 or 1 channel)
(M16C/5M Group only) (1)
Watchdog timer (15 bits,
the dedicated 125 kHz on-chip
oscillator for the watchdog timer)
CRC calculator
(CCITT, CRC-16)
DMAC(4 channels)
M16C/60 Series CPU core
R3
FB
SB
INTB
USP
ISP
PC
FLG
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
Memory
ROM (1)
RAM (1)
Multiplier
I/O ports
Task monitoring timer (1 channel)
Real-time clock
Serial bus interface
(1 channel)
LIN module (1 channel)
E2dataFlash (1)
D/A converter (8-bit x 1 circuit)
Power-on reset
Voltage detector
On-chip debugger
Note:
1. The ROM size, RAM size, number of channels for the CAN module, and whether the E 2dataFlash is provided or not
depend on the MCU type.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn