Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F357C6KFB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part No. R5F357C6KFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F357C6KFB Datasheet(HTML) 10 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 10 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
1. Overview
Table 1.9
M16C/57 Group Product List (J-Version)
As of May. 2010
Part Number
ROM Capacity
RAM
Capacity
CAN
Package Name
Remarks
Program
ROM 1
Program
ROM 2
Data flash
E2dataFlash
R5F35723JFE
(P)
96 Kbytes
16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
8 Kbytes
N/A
PLQP0080KB-A
Operating
Temperature
-40°C to 85°C
R5F35733JFF
(P)
PLQP0064KB-A
R5F35773JFE
(P)
—–
PLQP0080KB-A
R5F35783JFF
(P)
PLQP0064KB-A
R5F35716JFB
(P)
128 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
12 Kbytes
PLQP0100KB-A
R5F35726JFE
(P)
PLQP0080KB-A
R5F35736JFF
(P)
PLQP0064KB-A
R5F35766JFB
(P)
—–
PLQP0100KB-A
R5F35776JFE
(P)
PLQP0080KB-A
R5F35786JFF
(P)
PLQP0064KB-A
R5F3571EJFB
(P)
256 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
20 Kbytes
PLQP0100KB-A
R5F3572EJFE
(P)
PLQP0080KB-A
R5F3573EJFF
(P)
PLQP0064KB-A
R5F3576EJFB
(P)
—–
PLQP0100KB-A
R5F3577EJFE
(P)
PLQP0080KB-A
R5F3578EJFF
(P)
PLQP0064KB-A
(D): Under development
(P): Under planning
The old package names are as follows:
PLQP00100KB-A: 100P6Q-A
PLQP0080KB-A: 80P6Q-A
PLQP0064KB-A: 64P6Q-A
Table 1.10
M16C/57 Group Product List (K-Version)
As of May. 2010
Part Number
ROM Capacity
RAM
Capacity
CAN
Package Name
Remarks
Program
ROM 1
Program
ROM 2
Data flash
E2dataFlash
R5F35723KFE
(P)
96 Kbytes
16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
8 Kbytes
N/A
PLQP0080KB-A
Operating
Temperature
-40°C to 125°C
R5F35733KFF
(P)
PLQP0064KB-A
R5F35773KFE
(P)
—–
PLQP0080KB-A
R5F35783KFF
(P)
PLQP0064KB-A
R5F35716KFB
(P)
128 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
12 Kbytes
PLQP0100KB-A
R5F35726KFE
(P)
PLQP0080KB-A
R5F35736KFF
(P)
PLQP0064KB-A
R5F35766KFB
(P)
—–
PLQP0100KB-A
R5F35776KFE
(P)
PLQP0080KB-A
R5F35786KFF
(P)
PLQP0064KB-A
R5F3571EKFB
(P)
256 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
20 Kbytes
PLQP0100KB-A
R5F3572EKFE
(P)
PLQP0080KB-A
R5F3573EKFF
(P)
PLQP0064KB-A
R5F3576EKFB
(P)
—–
PLQP0100KB-A
R5F3577EKFE
(P)
PLQP0080KB-A
R5F3578EKFF
(P)
PLQP0064KB-A
(D): Under development
(P): Under planning
The old package names are as follows:
PLQP00100KB-A: 100P6Q-A
PLQP0080KB-A: 80P6Q-A
PLQP0064KB-A: 64P6Q-A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn