Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F357C6KFB Datasheet(PDF) 45 Page - Renesas Technology Corp

Part No. R5F357C6KFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F357C6KFB Datasheet(HTML) 45 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 45 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 45 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.14
SFR Information (14) (1)
Address
Register
Symbol
Reset Value
02D0h
Waveform Generation Control Register 0
G1POCR0
0X00 XX00b
02D1h
Waveform Generation Control Register 1
G1POCR1
0X00 XX00b
02D2h
Waveform Generation Control Register 2
G1POCR2
0X00 XX00b
02D3h
Waveform Generation Control Register 3
G1POCR3
0X00 XX00b
02D4h
Waveform Generation Control Register 4
G1POCR4
0X00 XX00b
02D5h
Waveform Generation Control Register 5
G1POCR5
0X00 XX00b
02D6h
Waveform Generation Control Register 6
G1POCR6
0X00 XX00b
02D7h
Waveform Generation Control Register 7
G1POCR7
0X00 XX00b
02D8h
Time Measurement Control Register 0
G1TMCR0
00h
02D9h
Time Measurement Control Register 1
G1TMCR1
00h
02DAh
Time Measurement Control Register 2
G1TMCR2
00h
02DBh
Time Measurement Control Register 3
G1TMCR3
00h
02DCh
Time Measurement Control Register 4
G1TMCR4
00h
02DDh
Time Measurement Control Register 5
G1TMCR5
00h
02DEh
Time Measurement Control Register 6
G1TMCR6
00h
02DFh
Time Measurement Control Register 7
G1TMCR7
00h
02E0h
Base Timer Register
G1BT
XXh
02E1h
XXh
02E2h
Base Timer Control Register 0
G1BCR0
00h
02E3h
Base Timer Control Register 1
G1BCR1
00h
02E4h
Time Measurement Prescaler Register 6
G1TPR6
00h
02E5h
Time Measurement Prescaler Register 7
G1TPR7
00h
02E6h
Function Enable Register
G1FE
00h
02E7h
Function Select Register
G1FS
00h
02E8h
Base Timer Reset Register
G1BTRR
XXh
02E9h
XXh
02EAh
Count Source Divide Register
G1DV
00h
02EBh
02ECh
Waveform Output Master Enable Register
G1OER
00h
02EDh
02EEh
Timer S I/O Control Register 0
G1IOR0
00h
02EFh
Timer S I/O Control Register 1
G1IOR1
00h
02F0h
Interrupt Request Register
G1IR
XXh
02F1h
Interrupt Enable Register 0
G1IE0
00h
02F2h
Interrupt Enable Register 1
G1IE1
00h
02F3h
02F4h
02F5h
02F6h
02F7h
02F8h
02F9h
02FAh
02FBh
02FCh
02FDh
02FEh
NMI Digital Debounce Register
NDDR
FFh
02FFh
P1_7 Digital Debounce Register
P17DDR
FFh
X: Undefined


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn