Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKI-78SR Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # OKI-78SR
Description  Fixed Output 1.5 Amp SIP DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKI-78SR Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button OKI-78SR Datasheet HTML 2Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 3Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 4Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 5Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 6Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 7Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 8Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 9Page - Murata Power Solutions Inc. OKI-78SR Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these converters. These specifications vary depending on the solder type. Exceeding these specifica-
tions may cause damage to the product. Be cautious when there is high atmospheric humidity. We strongly recommend a mild pre-bake (100 ºC. for 30 minutes). Your production
environment may differ therefore please thoroughly review these guidelines with your process engineers.
Reflow Solder Operations for surface-mount products (SMT)
For Sn/Ag/Cu based solders:
For Sn/Pb based solders:
Preheat Temperature
Less than 1 ºC. per second
Preheat Temperature
Less than 1 ºC. per second
Time over Liquidus
45 to 75 seconds
Time over Liquidus
60 to 75 seconds
Maximum Peak Temperature
260 ºC.
Maximum Peak Temperature
235 ºC.
Cooling Rate
Less than 3 ºC. per second
Cooling Rate
Less than 3 ºC. per second
Input Fusing
Certain applications and/or safety agencies may require fuses at the inputs of
power conversion components. Fuses should also be used when there is the
possibility of sustained input voltage reversal which is not current-limited. For
greatest safety, we recommend a fast blow fuse installed in the ungrounded
input supply line.
The installer must observe all relevant safety standards and regulations. For
safety agency approvals, install the converter in compliance with the end-user
safety standard.
Input Under-Voltage Shutdown and Start-Up Threshold
Under normal start-up conditions, converters will not begin to regulate properly
until the rising input voltage exceeds and remains at the Start-Up Threshold
Voltage (see Specifications). Once operating, converters will not turn off until
the input voltage drops below the Under-Voltage Shutdown Limit. Subsequent
restart will not occur until the input voltage rises again above the Start-Up
Threshold. This built-in hysteresis prevents any unstable on/off operation at a
single input voltage.
Users should be aware however of input sources near the Under-Voltage
Shutdown whose voltage decays as input current is consumed (such as
capacitor inputs), the converter shuts off and then restarts as the external
capacitor recharges. Such situations could oscillate. To prevent this, make
sure the operating input voltage is well above the UV Shutdown voltage AT ALL
TIMES.
Start-Up Time
Assuming that the output current is set at the rated maximum, the Vin to Vout
Start-Up Time (see Specifications) is the time interval between the point when
the rising input voltage crosses the Start-Up Threshold and the fully loaded
regulated output voltage enters and remains within its specified regulation
band. Actual measured times will vary with input source impedance, external
input capacitance, input voltage slew rate and final value of the input voltage
as it appears at the converter.
These converters include a soft start circuit to moderate the duty cycle of its
PWM controller at power up, thereby limiting the input inrush current.
Recommended Input Filtering
The user must assure that the input source has low AC impedance to provide
dynamic stability and that the input supply has little or no inductive content,
including long distributed wiring to a remote power supply. The converter will
operate with no additional external capacitance if these conditions are met.
APPLICATION NOTES
For best performance, we recommend installing a low-ESR capacitor
immediately adjacent to the converter’s input terminals. The capacitor should
be a ceramic type such as the Murata GRM32 series or a polymer type. Initial
suggested capacitor values are 10 to 22 μF, rated at twice the expected maxi-
mum input voltage. Make sure that the input terminals do not go below the
undervoltage shutdown voltage at all times. More input bulk capacitance may
be added in parallel (either electrolytic or tantalum) if needed.
Recommended Output Filtering
The converter will achieve its rated output ripple and noise with no additional
external capacitor. However, the user may install more external output capaci-
tance to reduce the ripple even further or for improved dynamic response.
Again, use low-ESR ceramic (Murata GRM32 series) or polymer capacitors.
Initial values of 10 to 47 μF may be tried, either single or multiple capacitors in
parallel. Mount these close to the converter. Measure the output ripple under
your load conditions.
Use only as much capacitance as required to achieve your ripple and noise
objectives. Excessive capacitance can make step load recovery sluggish or
possibly introduce instability. Do not exceed the maximum rated output capaci-
tance listed in the specifications.
Input Ripple Current and Output Noise
All models in this converter series are tested and specified for input reflected
ripple current and output noise using designated external input/output compo-
nents, circuits and layout as shown in the figures below. The Cbus and Lbus
components simulate a typical DC voltage bus. Please note that the values of
Cin, Lbus and Cbus will vary according to the specific converter model.
CIN
VIN
CBUS
LBUS
CIN = 2 x 100μF, ESR < 700mΩ @ 100kHz
CBUS = 1000μF, ESR < 100mΩ @ 100kHz
LBUS = 1μH
+INPUT
-INPUT
CURRENT
PROBE
TO
OSCILLOSCOPE
+
+
Figure 2: Measuring Input Ripple Current
OKI-78SR Series
Fixed Output 1.5 Amp SIP DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
PRELIMINARY
22 Mar 2010
MDC_OKI-78SR-W36.A01_D6 Page 9 of 10


Similar Part No. - OKI-78SR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKI-78SR MURATA-OKI-78SR Datasheet
429Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
2Mb / 20P
   Non-Isolated Switching Regulator DC-DC
logo
Murata Manufacturing Co...
OKI-78SR MURATA1-OKI-78SR Datasheet
2Mb / 20P
   Non-Isolated Switching Regulator DC-DC
2021
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
2Mb / 20P
   Non-Isolated Switching Regulator DC-DC
2023
logo
Murata Manufacturing Co...
OKI-78SR-1.0-W36E-C MURATA1-OKI-78SR-1.0-W36E-C Datasheet
1Mb / 20P
   Encapsulated Non-Isolated Switching Regulator DC-DC
2017
More results

Similar Description - OKI-78SR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKI-78SR MURATA-OKI-78SR Datasheet
429Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
OKR-T MURATA-OKR-T Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
OKR-T-6 MURATA-OKR-T-6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T3 MURATA-PS-OKR-T3 Datasheet
220Kb / 3P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
OKR-T6 MURATA-PS-OKR-T6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
OKR-T3 MURATA-PS-OKR-T3_10 Datasheet
475Kb / 11P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
OKR-T-10-W12 MURATA-OKR-T-10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T10-W12 MURATA-PS-OKR-T10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
OKR-T MURATA-PS-OKR-T Datasheet
491Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
MicroPower Direct, LLC
MD300S MPD-MD300S Datasheet
199Kb / 2P
   Miniature 3W Single Output SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com