Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35MB3KFB Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R5F35MB3KFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35MB3KFB Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R5F35MB3KFB Datasheet HTML 77Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 78Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 79Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 80Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 81Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 82Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 83Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 84Page - Renesas Technology Corp R5F35MB3KFB Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 81 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
5.
Electrical Characteristics
J-Version
5.1
Electrical Characteristics (J-Version, Common to 3 V and 5 V)
5.1.1
Absolute Maximum Rating
Note:
1.
Maximum value is 6.5 V.
Table 5.1
Absolute Maximum Ratings
Symbol
Characteristic
Condition
Value
Unit
VCC
Supply voltage
VCC = AVCC
-0.3 to 6.5
V
AVCC
Analog supply voltage
VCC = AVCC
-0.3 to 6.5
V
VREF
Analog reference voltage
−0.3 to V
CC + 0.1
(1)
V
VI
Input voltage
P0_0 to P0_7, P1_0 to
P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P6_0 to
P6_7, P7_0 to P7_7, P8_0
to P8_7, P9_0 toP9_7,
P10_0 to P10_7
XIN,
RESET, CNVSS,
VREF
-0.3 to VCC + 0.3
V
VO
Output
voltage
P0_0 to P0_7, P1_0 to
P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P6_0 to
P6_7, P7_0 to P7_7, P8_0
to P8_7, P9_0 to P9_7,
P10_0 to P10_7
XOUT
-0.3 to VCC + 0.3
V
Pd
Power
consumption
-40°C Topr 85°C
300
mW
Topr
Operating
temperature
range
While CPU operation
-40 to 85
°C
While flash memory
program and erase
operation
Programming area
0 to 60
Data area
-40 to 85
Tstg
Storage temperature range
-65 to 150
°C


Similar Part No. - R5F35MB3KFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35MB3KFE RENESAS-R5F35MB3KFE Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35MB3KFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com