Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X7R1C105K Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # C2012X7R1C105K
Description  LMZ1050xEXT Evaluation Board
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

C2012X7R1C105K Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button C2012X7R1C105K Datasheet HTML 4Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 5Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 6Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 7Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 8Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 9Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 10Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 11Page - National Semiconductor (TI) C2012X7R1C105K Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
30128027
FIGURE 22. Radiated Emissions (EN55022, Class B)
V
IN = 5V, VOUT = 2.5V, IOUT = 5A
Tested on LMZ10505EXT Evaluation Board
9
www.national.com


Similar Part No. - C2012X7R1C105K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R1C105K TDK-C2012X7R1C105K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C2012X7R1C105K085AC TDK-C2012X7R1C105K085AC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012X7R1C105K085AC TDK-C2012X7R1C105K085AC_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X7R1C105K125AA TDK-C2012X7R1C105K125AA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012X7R1C105K125AA TDK-C2012X7R1C105K125AA_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X7R1C105K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com