Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4618IVPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4618IVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618IVPBF Datasheet(HTML) 5 Page - Linear Technology

  LTM4618IVPBF Datasheet HTML 1Page - Linear Technology LTM4618IVPBF Datasheet HTML 2Page - Linear Technology LTM4618IVPBF Datasheet HTML 3Page - Linear Technology LTM4618IVPBF Datasheet HTML 4Page - Linear Technology LTM4618IVPBF Datasheet HTML 5Page - Linear Technology LTM4618IVPBF Datasheet HTML 6Page - Linear Technology LTM4618IVPBF Datasheet HTML 7Page - Linear Technology LTM4618IVPBF Datasheet HTML 8Page - Linear Technology LTM4618IVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4618
5
4618f
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V Transient Response
3.3V Transient Response
5V Transient Response
Efficiency vs Load Current with
Different Mode Settings
(12V to 3.3V)
1.2V Transient Response
1.5V Transient Response
Efficiency vs Load Current with
5VIN (CCM)
Efficiency vs Load Current with
12VIN (CCM)
Efficiency vs Load Current with
24VIN (CCM)
LOAD CURRENT (A)
0
100
95
90
80
85
75
70
4
2
4618 G01
6
3
15
5V TO 0.8VOUT
5V TO 1.2VOUT
5V TO 1.5VOUT
5V TO 2.5VOUT
5V TO 3.3VOUT
LOAD CURRENT (A)
0
100
95
90
80
85
75
70
4
2
4618 G02
6
3
15
12V TO 1.2VOUT
12V TO 1.5VOUT
12V TO 2.5VOUT
12V TO 3.3VOUT
12V TO 5VOUT
LOAD CURRENT (A)
0
95
90
80
85
75
70
4
2
4618 G03
6
3
15
24V TO 2.5VOUT
24V TO 3.3VOUT
24V TO 5VOUT
LOAD CURRENT (A)
0.01
100
90
70
80
60
50
40
30
20
10
0
4618 G04
1
0.1
BURST
PULSE SKIP
CCM
VIN = 12V
VOUT = 3.3V
IOUT
1A/DIV
VOUT
50mV/DIV
4618 G05
50μs/DIV
VIN = 12V AND VOUT = 1.2V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
50mV/DIV
IOUT
1A/DIV
4618 G06
50μs/DIV
VIN = 12V AND VOUT = 1.5V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
50mV/DIV
IOUT
1A/DIV
4618 G07
50μs/DIV
VIN = 12V AND VOUT = 2.5V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
50mV/DIV
IOUT
1A/DIV
4618 G08
50μs/DIV
VIN = 12V AND VOUT = 3.3V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
100mV/DIV
IOUT
1A/DIV
4618 G09
50μs/DIV
VIN = 12V AND VOUT = 5V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP


Similar Part No. - LTM4618IVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4618 LINER-LTM4618 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4618 LINER-LTM4618 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4618 LINER-LTM4618 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4618 LINER-LTM4618 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4618 LINER-LTM4618 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM4618IVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4618 LINER-LTM4618_15 Datasheet
339Kb / 24P
   6A DC/DC Module Regulator with Tracking and Frequency Synchronization
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
   Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_1 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608 LINER-LTM4608_1 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_15 Datasheet
393Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
   Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com