Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2581 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD2581
Description  Color TV Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD2581 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD2581 Datasheet HTML 1Page - Sanyo Semicon Device 2SD2581 Datasheet HTML 2Page - Sanyo Semicon Device 2SD2581 Datasheet HTML 3Page - Sanyo Semicon Device 2SD2581 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O3098TS (KOTO) TA1138 No.5818-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
Color TV Horizontal Deflection
Output Applications
Ordering number:5818
2SD2581
Specifications
Absolute Maximum Ratings at Ta = 25˚C
16.0
2.0
2.8
1.0
5.6
3.1
2.0
0.6
5.45
5.45
12
3
3.4
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2039D
[2SD2581]
Features
· High speed.
· High breakdown voltage (VCBO=1500V).
· High reliability (Adoption of HVP process).
· Adoption of MBIT process.
1:Base
2:Collector
3:Emitter
SANYO:TO3PML
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
5
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
8V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
1A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
3A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
.
3W
0
7W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
Tc=25˚C
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
0
8
=
E 0
=0
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
S
E
C
V E
C
R
,
V
0
0
5
1
=
E
B
0
=0
.
1A
m
e
g
a
t
l
o
V
n
i
a
t
s
u
S
r
o
t
c
e
ll
o
CV
)
s
u
s
(
O
E
C
IC
I
,
A
m
0
0
1
=
B 0
=0
0
8V
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=0
.
1A
m
Continued on next page.


Similar Part No. - 2SD2581

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD2581 ISC-2SD2581 Datasheet
149Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SD2581

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
   Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6089 SANYO-2SC6089 Datasheet
56Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1653 SANYO-2SD1653 Datasheet
347Kb / 9P
   COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SD2688LS SANYO-2SD2688LS Datasheet
39Kb / 4P
   Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com