Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3320 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3320
Description  HIGH VOLTAGE HIGH SPEED SWITCHING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3320 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3320 Datasheet HTML 1Page - Unisonic Technologies 2SC3320 Datasheet HTML 2Page - Unisonic Technologies 2SC3320 Datasheet HTML 3Page - Unisonic Technologies 2SC3320 Datasheet HTML 4Page - Unisonic Technologies 2SC3320 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3320
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R214-008,B
ABSOLUTE MAXIMUM RATINGS (TC = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
500
V
VCEO
400
V
Collector Emitter Voltage
VCEO(SUS)
400
V
Emitter Base Voltage
VEBO
7
V
Collector Current
IC
15
A
Base Current
IB
5
A
Power Dissipation
PD
80
W
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-40 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Case
θJC
1.55
/W
ELECTRICAL SPECIFICATIONS (TC =25℃, Unless Otherwise Specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
ICBO=1mA
500
V
VCEO
ICEO=10mA
400
V
Collector Emitter Voltage
VCEO(SUS) IC=0.2A
400
V
Emitter Base Voltage
VEBO
IEBO=1mA
7
V
Collector Emitter Saturation Voltage
VCE (SAT)
1
V
Base Emitter Saturation Voltage
VBE (SAT)
IC=6A, IB=1.2A
1.5
V
Collector Cut-off Current
ICBO
VCBO=500V
1
mA
Emitter Cut-off Current
IEBO
VEBO=7V
1
mA
DC Current Gain
hFE
IC=6A, VCE=5V
10
tON
0.5
µs
tSTG
1.5
µs
Switching Time
tF
IC=7.5A, IB1 =1.5A, IB2=-3A
RL=20Ω, Pw=20µs, Duty ≤ 2%
0.15
µs


Similar Part No. - 2SC3320

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SC3320 FUJI-2SC3320 Datasheet
109Kb / 3P
   TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3320 ETC-2SC3320 Datasheet
78Kb / 1P
   SUPER HIGH SPEED SWITCHING TRANSISTORS
2SC3320 ETC1-2SC3320 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Unisonic Technologies
2SC3320 UTC-2SC3320 Datasheet
100Kb / 5P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SC3320 SAVANTIC-2SC3320 Datasheet
210Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC3320

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
   High Speed High Voltage Switching
logo
Inchange Semiconductor ...
2SC3738 ISC-2SC3738 Datasheet
196Kb / 2P
   High Voltage, High Speed Switching
BU4508AF ISC-BU4508AF Datasheet
190Kb / 2P
   High-voltage high-speed switching
logo
Fairchild Semiconductor
KSC2335 FAIRCHILD-KSC2335 Datasheet
52Kb / 4P
   High Speed, High Voltage Switching
KSC2518 FAIRCHILD-KSC2518 Datasheet
47Kb / 5P
   High Speed, High Voltage Switching
logo
List of Unclassifed Man...
2SC3724 ETC-2SC3724 Datasheet
46Kb / 1P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
New Jersey Semi-Conduct...
2SC3865 NJSEMI-2SC3865 Datasheet
147Kb / 1P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com