Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35M2EJFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F35M2EJFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35M2EJFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F35M2EJFB Datasheet HTML 92Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 93Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 94Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 95Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 96Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 97Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 98Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 99Page - Renesas Technology Corp R5F35M2EJFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 96 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Timing Requirements
(VCC = 5 V, VSS = 0 V, at Topr = −40°C to 85°C unless otherwise specified)
5.2.2.3
Timer A Input
Figure 5.8
Timer A Input
Table 5.19
Timer A Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
100
ns
tw(TAH)
TAiIN input high pulse width
40
ns
tw(TAL)
TAiIN input low pulse width
40
ns
Table 5.20
Timer A Input (Gating Input in Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
400
ns
tw(TAH)
TAiIN input high pulse width
200
ns
tw(TAL)
TAiIN input low pulse width
200
ns
Table 5.21
Timer A Input (External Trigger Input in One-shot Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
200
ns
tw(TAH)
TAiIN input high pulse width
100
ns
tw(TAL)
TAiIN input low pulse width
100
ns
Table 5.22
Timer A Input (External Trigger Input in PWM Mode, Programmable Output Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN input high pulse width
100
ns
tw(TAL)
TAiIN input low pulse width
100
ns
TAiIN input
TAiOUT input
t w(TAH)
tc(TA)
t w(TAL)
tc(UP)
t w(UPH)
t w(UPL)


Similar Part No. - R5F35M2EJFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35M2EJFE RENESAS-R5F35M2EJFE Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35M2EJFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com