Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357E3JFB Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R5F357E3JFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357E3JFB Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F357E3JFB Datasheet HTML 26Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 27Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 28Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 29Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 30Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 31Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 32Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 33Page - Renesas Technology Corp R5F357E3JFB Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 30 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
3. Memory
3.
Memory
Special function registers (SFRs) are allocated from address 00000h to 003FFh and from 0D000h to
0D7FFh. Peripheral function control registers are located here. All blank spaces within SFRs are reserved,
so do not access any blank spaces.
The internal RAM is allocated from address 00400h to superior direction. For example, a 8-Kbyte internal
RAM is addressed from 00400h to 023FFh. The internal RAM is used not only for data storage but also for
stack area when subroutines are called or when interrupt request are acknowledged.
The internal ROM is flash memory. Four internal ROM areas are available: E2dataFlash, data flash,
program ROM 1, and program ROM 2.
The data flash is addressed from 0E000h to 0FFFFh. This data flash space is used not only for data storage
but also for program storage.
Program ROM 2 is assigned addresses 10000h to 13FFFh. Program ROM 1 is assigned addresses
FFFFFh to inferior direction. For example, the 64-Kbyte program ROM 1 space has addresses F0000h to
FFFFFh.
The E2dataFlash is not shown in the memory map because the E2FA register value is used as an address.
The E2dataFlash cannot be used for program storage. Whether the E2dataFlash is provided or not depends
on the product.
The special page vectors are assigned addresses FFE00h to FFFD7h. They are used for the JMPS
instruction and JSRS instruction. Refer to the M16C/60, M16C/20, M16C/Tiny Series Software Manual for
details.
The fixed vector table for interrupts, ID code write address, OFS1 address and OSF2 address are assigned
addresses FFFDBh to FFFFFh.
The 256 bytes beginning with the start address set in the INTB register compose the relocatable vector table
for interrupts.


Similar Part No. - R5F357E3JFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357E3JFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com