Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD-30A-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PSD-30A-5
Description  30W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSD-30A-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PSD-30A-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSD-30A-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PSD-30A-5
PSD-30B-5
PSD-30C-5
PSD-30B-12 PSD-30C-12
PSD-30B-24 PSD-30C-24
PSD-30A-12
PSD-30A-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT
5V
12V
24V
5A
2.5A
1.25A
0~5A
0~2.5A
0~1.25A
25W
30W
30W
100mVp-p
120mVp-p
150mVp-p
2.0%
1.0%
1.0%
4.5~5.5VDC
11~13.5VDC
22~26VDC
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
2s,50ms,------atfullload
A:9~18VDCB:18~36VDCC:36~72VDC
77%
4.5A/12V
2.5A/24V
1.1A/48V
105~150% ratedoutputpower
6~7.5V
14~16.5V
27~32.5V
Protectiontype:
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB
DesignrefertoLVD
Complianceto
ENV50204,EN55024,light
EN61000-4-2,3,4,6,8;
industrylevel,criteria A
-20~+55
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
101.6*50.8*30mm(L*W*H)
FileName:PSD-30-SPEC2010-04-26
SAFETY STANDARDS
30WSingleOutputDC-DCConverter
P S D - 3 0 series
2:1 wide input range
Protections: Short circuit / Overload / Over voltage/Reverse polarity
1500VAC I/O isolation
Cooling by free air convection
Built-in EMI filter, low ripple noise
100% full load burn-in test
Low cost
High reliability
year warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
SAFETY &
EMC
(Note4)
1. All parameters NOT specially mentioned are measured at 12,24,48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
79%
80%
77%
80%
82%
78%
83%
83%
REVERSEPOLARITY
Byinternalfuseopen
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
0.15kg»8 4pcs/12.6kg/0.82CUFT
902.4Khrsmin.MIL-HDBK-217F(25
)


Similar Part No. - PSD-30A-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-30A-5 MEANWELL-PSD-30A-5 Datasheet
355Kb / 2P
   30W Single Output DC-DC ConverterV
More results

Similar Description - PSD-30A-5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Mean Well Enterprises C...
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD30U CHINFA-WDD30U_14 Datasheet
226Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U_10 Datasheet
228Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U Datasheet
220Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com