Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLN-20-18 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLN-20-18
Description  20W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLN-20-18 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLN-20-18 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLN-20-18 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLN-20-18 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
PLN-20-18
PLN-20-24
PLN-20-36
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.5
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
18V
13.5~18V
24V
18~24V
36V
1.1A
0.8A
0.55A
0~1.1A
0~0.8A
0~0.55A
19.8W
19.2W
19.8W
3.0Vp-p
3.0Vp-p
3.0Vp-p
3.0%
10%
10%
2300ms/230VAC30
atfullload
00ms/115VAC
90~277VAC127~392VDC
47~63Hz
0.4A/115VAC0.2A/230VAC
40A/230VAC
0.5mA /240VAC
95~110%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
CompliancetoEN55015
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,lightindustrylevel,criteria A
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
-30~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+80
,10~95%RH
0.06%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
20WSingleOutputLEDPowerSupply
Universal AC input / Full range(up to 277VAC)
Built-in constant current limiting circuit with adjustable OCP level
Fully isolated plastic case
Protections:Short circuit/Over load/Over voltage/Over temperature
Built-in active PFC function
IP64 design for indoor or outdoor installations
Small and compact size
Cooling by free air convection
100% full load burn-in test
High
Suitable for Damp / wet locations
Suitable for LED lighting and moving sign applications
2 years warranty
reliability,low cost
Features :
P L N - 2 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
PROTECTION
110
10
(TSW1)
IEC61347-1,IEC61347-2-13, TUVEN61347-1,EN61347-2-13,UL8750,IP64approved
LEDOPERATIONVOLTAGE Note.5
PLN-20-48
48V
0.42A
0~0.42A
20.2W
3.8Vp-p
CURRENT ADJ.RANGE
75%~100%
36~48V
27~36V
FileName:PLN-20-SPEC2010-07-30
148.5*38.5*28mm(L*W*H)
643.6Khrsmin.MIL-HDBK-217F(25
)
0.18Kg;60pcs/12.8Kg/0.9CUFT
PLN-20-12
12V
9~12V
1.6A
0~1.6A
19.2W
2.5Vp-p
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
19~22V
27~34V
41~46V
54~60V
14~16V
81%
82%
83%
83.5%
80%
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage, please check the static characteristic for more details.
5. Constant current operation region is within 75% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
M
M
IP64
110
SELV
F
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
PF
0.9at75~100%load,115VAC/230VAC
Complianceto
(
75%load);EN61000-3-3
EN61000-3-2ClassC


Similar Part No. - PLN-20-18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-20-18 MEANWELL-PLN-20-18 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
PLN-20-18 MEANWELL-PLN-20-18 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLN-20-18 MEANWELL-PLN-20-18 Datasheet
185Kb / 3P
   20W Single Output LED Power Supply
More results

Similar Description - PLN-20-18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
PLP-20_1108 MEANWELL-PLP-20_1108 Datasheet
178Kb / 3P
   20W Single Output LED Power Supply
PLN-20_1108 MEANWELL-PLN-20_1108 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_12 Datasheet
185Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20 Datasheet
872Kb / 2P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_11 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com