Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64179HDFB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F64179HDFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F64179HDFB Datasheet HTML 7Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 8Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 9Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 10Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 11Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 12Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 13Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 14Page - Renesas Technology Corp R5F64179HDFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 11 of 111
Jun 23, 2010
R32C/117 Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram of the R32C/117 Group.
Figure 1.2
R32C/117 Group Block Diagram
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
8
8
8
8
8
8
8
Peripheral functions
Timer:
Timer A 16 bits × 5 timers
Timer B 16 bits × 6 timers
Three-phase motor
controller
Watchdog timer:
15 bits
D/A converter:
8 bits × 2 channels
A/D converter:
10 bits × 1 circuit
Standard: 10 inputs
Maximum: 34 inputs (1)
Serial interface:
9 channels
X-Y converter:
16 bits × 16 bits
Clock generator:
4 circuits
- XIN-XOUT
- XCIN-XCOUT
- On-chip oscillator
- PLL frequency synthesizer
DMAC
CRC calculator (CCITT)
X16 + X12 + X5 + 1
Intelligent I/O
Time Measurement: 16
Wave generation: 24 (2)
Serial interface:
- Variable-length
synchronous serial I/O
- IEBus
R32C/100 Series CPU Core
R2R0
R3R1
R6R4
R7R5
A0
A1
A2
A3
FB
SB
FLG
INTB
ISP
USP
PC
SVF
SVP
VCT
R2R0
R3R1
R6R4
R7R5
A0
A1
A2
A3
FB
SB
Memory
ROM
RAM
Multiplier
Port P14
Port P14_1
Port P11
Port P12
Port P13
4
5
8
8
DMAC II
Floating-point unit
Port P15
8
(Note 4)
Notes:
1. 34 inputs are available in the 144-pin package. In the 100-pin package, up to 26 inputs are provided.
2. 24 outputs are available in the 144-pin package. In the 100-pin package, 19 outputs are provided.
3. Eight ports are available in the 144-pin package. In the 100-pin package, five I/O ports and one input-
only port (P9_1) are provided.
4. Ports P11 to P15 are available in the 144-pin package only.
Multi-master I2C-bus
interface:
1 channel
CAN module:
1 channel


Similar Part No. - R5F64179HDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64179HDFB RENESAS-R5F64179HDFB Datasheet
867Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64179HDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com