Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEN-60-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # CEN-60-24
Description  60W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CEN-60-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  CEN-60-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CEN-60-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CEN-60-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
230VAC
110VAC
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
50%
60%
70%
80%
90%
100%
230VAC
110VAC
CEN-60seriespossesssuperiorworkingefficiencythatupto91%canbereachedinfieldapplications.
LOAD
PowerFactorCharacteristic
Powerfactorwillbehigherthan0.9whenoutputloadingis75%orhigher.
EFFICIENCY vsLOAD(48VModel)
ConstantCurrentMode
LOAD
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode [with LED driver, at area (A)] and CC mode [direct drive, at area (B)].
DRIVINGMETHODSOFLEDMODULE
TypicalLEDpowersupplyI-Vcurve
100
50
50
100
(max.)
Io (%)
Constant
Voltage area
Constant
Current area
Hiccup
Protection
(A)
(B)
(C)
60WSingleOutputLEDPowerSupply
C E N - 6 0 series
FileName:CEN-60-SPEC2010-09-01


Similar Part No. - CEN-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CEN-60-24 MEANWELL-CEN-60-24 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
CEN-60-24 MEANWELL-CEN-60-24 Datasheet
244Kb / 3P
   CEN-60_12
More results

Similar Description - CEN-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_11 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com