Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64177HPFD Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R5F64177HPFD
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64177HPFD Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R5F64177HPFD Datasheet HTML 74Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 75Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 76Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 77Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 78Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 79Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 80Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 81Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 78 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
Note:
1.
This value is applicable only when the main clock oscillation is stable.
Note:
1.
This recovery time does not include the period until the main clock oscillator is stabilized. The CPU
starts operating before the oscillator is stabilized.
Figure 5.4
Clock Circuit Timing
Table 5.12
Electrical Characteristics of Oscillator
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
fSO(PLL)
PLL clock self-oscillation frequency
35
50
65
MHz
tLOCK(PLL) PLL lock time (1)
1ms
tjitter(p-p)
PLL jitter period (p-p)
2.0
ns
f(OCO)
On-chip oscillator frequency
62.5
125
250
kHz
Table 5.13
Electrical Characteristics of Clock Circuitry
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
trec(WAIT) Recovery time from wait mode to low power mode
225
µs
trec(STOP) Recovery time from stop mode (1)
225
µs
t rec(STOP)
Interrupt for exiting
stop mode
CPU clock
Main clock oscillator
output
On-chip oscillator
output
Sub clock oscillator
output
On-chip oscillator
output
t rec(WAIT)
Interrupt for exiting
wait mode
CPU clock
Recovery time from stop mode
t rec(STOP)
Recovery time from wait mode
to low power mode
t rec(WAIT)


Similar Part No. - R5F64177HPFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64177HPFD RENESAS-R5F64177HPFD Datasheet
867Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64177HPFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com