Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64177HPFD Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R5F64177HPFD
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64177HPFD Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R5F64177HPFD Datasheet HTML 72Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 73Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 74Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 75Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 76Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 77Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 78Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 79Page - Renesas Technology Corp R5F64177HPFD Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 76 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
Notes:
1.
Program/erase definition
This value represents the number of erasures per block.
If the flash memory is programmed/erased n times, each block can be erased n times.
i.e. If 4-word write is performed in 512 different addresses in the block A of 4 Kbyte and then the
block is erased, it is considered the programming/erasure is performed just once.
However a write in the same address more than once for one erasure is disabled (overwrite
disabled).
2.
The data retention time includes the periods when the supply voltage is not applied and no clock is
provided.
3.
Please contact a Renesas Electronics sales office regarding data retention time other than the
above.
Table 5.7
RAM Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta = Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ.
Max.
VRDR
RAM data retention voltage
in stop mode
2.0
V
Table 5.8
Flash Memory Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta = Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
Programming and erasure endurance of flash
memory (1)
Program area
1000
times
Data area
10000
times
4-word program time
Program area
150
900
µs
Data area
300
1700
µs
Lock bit-program time
Program area
70
500
µs
Data area
140
1000
µs
Block erasure time
4 Kbyte block
0.12
3.0
s
32 Kbyte block
0.17
3.0
s
64 Kbyte block
0.20
3.0
s
Data retention (2)
Ta = 55°C (3)
10
years


Similar Part No. - R5F64177HPFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64177HPFD RENESAS-R5F64177HPFD Datasheet
867Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64177HPFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com