Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64169HPFB Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F64169HPFB
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64169HPFB Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F64169HPFB Datasheet HTML 15Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 16Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 17Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 18Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 19Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 20Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 21Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 22Page - Renesas Technology Corp R5F64169HPFB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 19 of 95
Jun 23, 2010
R32C/116 Group
1. Overview
1.5
Pin Definitions and Functions
Table 1.14 to Table 1.18 show the pin definitions and functions.
Notes:
1.
Pins
INT6 to INT8 are available in the 144-pin package only.
2.
Pins D16 to D31 are available in the 144-pin package only.
Table 1.14
Pin Definitions and Functions (1/4)
Function
Symbol
I/O
Description
Power supply
VCC, VSS
I
Applicable as follows: VCC = 3.0 to 5.5 V, VSS = 0 V
Connecting pins
for decoupling
capacitor
VDC0, VDC1
A decoupling capacitor for internal voltage should be
connected between VDC0 and VDC1
Analog power
supply
AVCC, AVSS
I
Power supply for the A/D converter. AVCC and AVSS
should be connected to VCC and VSS, respectively
Reset input
RESET
I
The MCU is reset when this pin is driven low
CNVSS
CNVSS
I
This pin should be connected to VSS via a resistor
Debug port
NSD
I/O
This pin is to communicate with a debugger. It should be
connected to VCC via a resistor of 1 to 4.7 k
Ω
Main clock input
XIN
I
Input/output for the main clock oscillator. A crystal, or a
ceramic resonator should be connected between pins XIN
and XOUT. An external clock should be input at the XIN
while leaving the XOUT open
Main clock output XOUT
O
Sub clock input
XCIN
I
Input/output for the sub clock oscillator. A crystal oscillator
should be connected between pins XCIN and XCOUT. An
external clock should be input at the XCIN while leaving the
XCOUT open
Sub clock output XCOUT
O
BCLK output
BCLK
O
BCLK output
Clock output
CLKOUT
O
Output of the clock with the same frequency as low speed
clocks, f8, or f32
External interrupt
input
INT0 to INT8 (1)
I
Input for external interrupts
NMI input
P8_5/
NMI
I
Input for NMI
Key input interrupt
KI0 to KI3
I
Input for the key input interrupt
Bus control pins
D0 to D7
I/O
Input/output of data (D0 to D7) while accessing an external
memory space with a separate bus
D8 to D15
I/O
Input/output of data (D8 to D15) while accessing an
external memory space with 16-bit or 32-bit separate bus
D16 to D31 (2)
I/O
Input/output of data (D16 to D31) while accessing an
external memory space with 32-bit separate bus
A0 to A23
O
Output of address bits A0 to A23
A0/D0 to A7/D7
I/O
Output of address bits (A0 to A7) and input/output of data
(D0 to D7) by time-division while accessing an external
memory space with multiplexed bus
A8/D8 to
A15/D15
I/O
Output of address bits (A8 to A15) and input/output of data
(D8 to D15) by time-division while accessing an external
memory space with 16-bit or 32-bit multiplexed bus


Similar Part No. - R5F64169HPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64169HPFB RENESAS-R5F64169HPFB Datasheet
798Kb / 98P
   RENESAS MCU
More results

Similar Description - R5F64169HPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com