Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM8061 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FODM8061
Description  High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM8061 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FODM8061 Datasheet HTML 4Page - Fairchild Semiconductor FODM8061 Datasheet HTML 5Page - Fairchild Semiconductor FODM8061 Datasheet HTML 6Page - Fairchild Semiconductor FODM8061 Datasheet HTML 7Page - Fairchild Semiconductor FODM8061 Datasheet HTML 8Page - Fairchild Semiconductor FODM8061 Datasheet HTML 9Page - Fairchild Semiconductor FODM8061 Datasheet HTML 10Page - Fairchild Semiconductor FODM8061 Datasheet HTML 11Page - Fairchild Semiconductor FODM8061 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM8061 Rev. 1.0.3
8
Package Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
Notes:
1. No standard applies to this package.
2. All dimensions are in millimeters.
3. Dimensions are exclusive of burrs, mold flash, and tie bar extrusion.
4. Drawings filesname and revision: MKT-MFP05A.


Similar Part No. - FODM8061

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061 ONSEMI-FODM8061 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FODM8061R2 FAIRCHILD-FODM8061R2 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061R2 ONSEMI-FODM8061R2 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
More results

Similar Description - FODM8061

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com