Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 30 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 30 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 30 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 30 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Table 4.2
SFR List (2)
Address
Register
Symbol
Reset Value
000060h
000061h Timer B5 Interrupt Control Register
TB5IC
XXXX X000b
000062h UART5 Transmit/NACK Interrupt Control Register
S5TIC
XXXX X000b
000063h UART2 Receive/ACK Interrupt Control Register/I2C Bus Line
Interrupt Control Register
S2RIC/I2CLIC
XXXX X000b
000064h UART6 Transmit/NACK Interrupt Control Register
S6TIC
XXXX X000b
000065h UART3 Receive/ACK Interrupt Control Register
S3RIC
XXXX X000b
000066h UART5/6 Bus Collision, Start Condition/Stop Condition
Detection Interrupt Control Register
BCN5IC/BCN6IC
XXXX X000b
000067h UART4 Receive/ACK Interrupt Control Register
S4RIC
XXXX X000b
000068h DMA0 Transfer Complete Interrupt Control Register
DM0IC
XXXX X000b
000069h UART0/3 Bus Collision, Start Condition/Stop Condition
Detection Interrupt Control Register
BCN0IC/BCN3IC
XXXX X000b
00006Ah DMA2 Transfer Complete Interrupt Control Register
DM2IC
XXXX X000b
00006Bh A/D Converter 0 Convert Completion Interrupt Control Register
AD0IC
XXXX X000b
00006Ch Timer A0 Interrupt Control Register
TA0IC
XXXX X000b
00006Dh Intelligent I/O Interrupt Control Register 0
IIO0IC
XXXX X000b
00006Eh Timer A2 Interrupt Control Register
TA2IC
XXXX X000b
00006Fh Intelligent I/O Interrupt Control Register 2
IIO2IC
XXXX X000b
000070h Timer A4 Interrupt Control Register
TA4IC
XXXX X000b
000071h Intelligent I/O Interrupt Control Register 4
IIO4IC
XXXX X000b
000072h UART0 Receive/ACK Interrupt Control Register
S0RIC
XXXX X000b
000073h Intelligent I/O Interrupt Control Register 6
IIO6IC
XXXX X000b
000074h UART1 Receive/ACK Interrupt Control Register
S1RIC
XXXX X000b
000075h Intelligent I/O Interrupt Control Register 8
IIO8IC
XXXX X000b
000076h Timer B1 Interrupt Control Register
TB1IC
XXXX X000b
000077h Intelligent I/O Interrupt Control Register 10
IIO10IC
XXXX X000b
000078h Timer B3 Interrupt Control Register
TB3IC
XXXX X000b
000079h
00007Ah INT5 Interrupt Control Register
INT5IC
XX00 X000b
00007Bh CAN0 Wake-up Interrupt Control Register
C0WIC
XXXX X000b
00007Ch INT3 Interrupt Control Register
INT3IC
XX00 X000b
00007Dh
00007Eh INT1 Interrupt Control Register
INT1IC
XX00 X000b
00007Fh
000080h
000081h UART2 Transmit/NACK Interrupt Control Register/I2C-Bus
Interrupt Control Register
S2TIC/I2CIC
XXXX X000b
000082h UART5 Receive/ACK Interrupt Control Register
S5RIC
XXXX X000b
000083h UART3 Transmit/NACK Interrupt Control Register
S3TIC
XXXX X000b
000084h UART6 Receive/ACK Interrupt Control Register
S6RIC
XXXX X000b
000085h UART4 Transmit/NACK Interrupt Control Register
S4TIC
XXXX X000b
000086h
000087h UART2 Bus Collision, Start Condition/Stop Condition Detection
Interrupt Control Register
BCN2IC
XXXX X000b
X: Undefined
Blanks are reserved. No access is allowed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn