Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 26 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 22Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 23Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 24Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 25Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 26Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 27Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 28Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 29Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 26 of 123
Jun 23, 2010
R32C/118 Group
2. Central Processing Unit (CPU)
2.1.8.5
Register Bank Select Flag (B flag)
This flag selects a register bank. It indicates 0 when the register bank 0 is selected, and 1 when the
register bank 1 is selected.
2.1.8.6
Overflow Flag (O flag)
This flag becomes 1 if an overflow occurs in an operation; otherwise it is 0.
2.1.8.7
Interrupt Enable Flag (I flag)
This flag enables maskable interrupts. To disable maskable interrupts, set this flag to 0. To enable
them, set this flag to 1. When an interrupt is accepted, the flag becomes 0.
2.1.8.8
Stack Pointer Select Flag (U flag)
To select the interrupt stack pointer (ISP), set this flag to 0. To select the user stack pointer (USP), set
this flag to 1.
It becomes 0 when a hardware interrupts is accepted or when an INT instruction designated by a
software interrupt number from 0 to 127 is executed.
2.1.8.9
Floating-point Underflow Flag (FU flag)
This flag becomes 1 when an underflow occurs in a floating-point operation; otherwise it is 0. It also
becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.10
Floating-point Overflow Flag (FO flag)
This flag becomes 1 when an overflow occurs in a floating-point operation; otherwise it is 0. It also
becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.11
Processor Interrupt Priority Level (IPL)
The processor interrupt priority level (IPL), consisting of three bits, selects a processor interrupt priority
level from level 0 to 7. An interrupt is acceptable when the interrupt request level is higher than the
selected IPL.
When the processor interrupt priority level (IPL) is set to 111b (level 7), all interrupts are disabled.
2.1.8.12
Fixed-point Radix Point Designation Bit (DP bit)
This bit designates the radix point. It also specifies which portion of the fixed-point multiplication result
to take. It is used in the MULX instruction.
2.1.8.13
Floating-point Rounding Mode (RND)
The 2-bit floating-point rounding mode selects a rounding mode for floating-point calculation results.
2.1.8.14
Reserved
Only set this bit to 0. The read value is undefined.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn