Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 19Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 20Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 21Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 22Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 23Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 24Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 25Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 26Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 23 of 123
Jun 23, 2010
R32C/118 Group
1. Overview
Table 1.18
Pin Specifications
Notes:
1.
Pull-up resistors are selected in 4-pin units, but are only enabled for those pins set as input ports.
2.
N-channel open drain output can be enabled on the applicable pins on a discrete pin basis.
3.
5 V tolerant input is enabled when an applicable pin is set as an input port. When it is set as an I/O
port, to enable 5 V tolerant input, this pin should be set as N-channel open drain output.
Pin names
Package
Selectable Functions
5 V tolerant input (3)
144-
pin
100-
pin
Pull-up resistor (1)
N-channel
open drain (2)
P0_0 to P0_7
P1_0 to P1_7
P2_0 to P2_7
P3_0 to P3_7
P4_0 to P4_7
P5_0 to P5_3
P5_4 to P5_7
P6_0 to P6_7
P7_0 to P7_7
P8_0 to P8_3
P8_4, P8_6, P8_7
P9_0 to P9_3 (144-pin)
P9_1, P9_3 (100-pin)
P9_4 to P9_7
P10_0 to P10_7
P11_0 to P11_3
P11_4
P12_0 to P12_3
P12_4 to P12_7
P13_0 to P13_7
P14_1, P14_3
P14_4 to P14_6
P15_0 to P15_7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn