Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R5F64188HPFB Datasheet(PDF) 98 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 98 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 98 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.22
Timer A Input (Counting input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock period
200
ns
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.23
Timer A Input (Gating input in timer mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock period
400
ns
tw(TAH)
TAiIN input high level pulse width
180
ns
tw(TAL)
TAiIN input low level pulse width
180
ns
Table 5.24
Timer A Input (External trigger input in one-shot timer mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock period
200
ns
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.25
Timer A Input (External trigger input in pulse-width modulation mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.26
Timer A Input (Increment/decrement count switching input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(UP)
TAiOUT input clock period
2000
ns
tw(UPH)
TAiOUT input high level pulse width
1000
ns
tw(UPL)
TAiOUT input low level pulse width
1000
ns
tsu(UP-TIN)
TAiOUT input setup time
400
ns
th(TIN-UP)
TAiOUT input hold time
400
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn