Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 93Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 94Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 95Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 96Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 97Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 98Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 99Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 100Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 97 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.20
External Clock Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(X)
External clock input period
62.5
250
ns
tw(XH)
External clock input high level pulse width
25
ns
tw(XL)
External clock input low level pulse width
25
ns
tr(X)
External clock input rise time
5ns
tf(X)
External clock input fall time
5ns
tw / tc
External clock input duty
40
60
%
Table 5.21
External Bus Timing
Symbol
Characteristic
Value
Unit
Min.
Max.
tsu(D-R)
Data setup time for read
40
ns
th(R-D)
Data hold time after read
0ns
tdis(R-D)
Data disable time after read
0.5 × tc(Base) + 10
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn