Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 92Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 93Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 94Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 95Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 96Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 97Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 98Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 99Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 96 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Note:
1.
One D/A converter is used. The DAi register (i = 0, 1) of the other unused converter is set to 00h. The
resistor ladder for A/D converter is not considered.
Even when the VCUT bit in the AD0CON1 register is set to 0 (VREF disconnected), IVREF is supplied.
Table 5.19
D/A Conversion Characteristics (VCC =AVCC =VREF =4.2 to 5.5V, VSS =AVSS =0 V,
and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Measurement condition
Value
Unit
Min.
Typ. Max.
Resolution
8Bits
Absolute precision
1.0
%
tS
Settling time
3µs
RO
Output resistance
410
20
k
Ω
IVREF
Reference input current
(1)
1.5
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn