Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 95 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 95 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 95 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 95 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Note:
1.
Pins AN15_0 to AN15_7 are available in the 144-pin package only.
Table 5.18
A/D Conversion Characteristics (VCC =AVCC =VREF =4.2 to 5.5V, VSS =AVSS =0 V,
Ta =Topr, and f(BCLK) = 32 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement condition
Value
Unit
Min.
Typ. Max.
Resolution
VREF = VCC
10
Bits
Absolute error
VREF = VCC = 5 V
AN_0toAN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
AN15_0 to AN15_7,
ANEX0, ANEX1 (1)
±3
LSB
External op-amp
connection mode
±7
LSB
INL
Integral non-linearity
error
VREF = VCC = 5 V
AN_0toAN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
AN15_0 to AN15_7,
ANEX0, ANEX1 (1)
±3
LSB
External op-amp
connection mode
±7
LSB
DNL
Differential non-linearity
error
±1
LSB
Offset error
±3
LSB
Gain error
±3
LSB
RLADDER Resistor ladder
VREF = VCC
420
k
Ω
tCONV
Conversion time
(10 bits)
φAD = 16 MHz, with sample and hold
function
2.06
µs
φAD = 16 MHz, without sample and hold
function
3.69
µs
tCONV
Conversion time
(8 bits)
φAD = 16 MHz, with sample and hold
function
1.75
µs
φAD = 16 MHz, without sample and hold
function
3.06
µs
tSAMP
Sampling time
φAD = 16 MHz
0.188
µs
VIA
Analog input voltage
0
VREF
V
φAD
Operating clock
frequency
without sample and hold function
0.25
16
MHz
with sample and hold function
1
16
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn