Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 94 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 90Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 91Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 92Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 93Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 94Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 95Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 96Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 97Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 94 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Table 5.17
Electrical Characteristics (3/3)
(VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characterist
ic
Measurement condition
Value
Unit
Min. Typ. Max.
ICC
Power supply
current
In single-chip mode,
output pins are left open
and others are
connected to VSS
XIN-XOUT
Drive power: low
XCIN-XCOUT
Drive power: low
f(CPU) =64 MHz, f(BCLK) =32 MHz,
f(XIN) =8MHz,
Active: XIN, PLL,
Stopped: XCIN, OCO
45
60
mA
f(CPU) = 50 MHz, f(BCLK) = 25 MHz,
f(XIN) =8MHz,
Active: XIN, PLL,
Stopped: XCIN, OCO
35
50
mA
f(CPU) = fSO(PLL)/24 MHz,
Active: PLL (self-oscillation),
Stopped: XIN, XCIN, OCO
12
mA
f(CPU) = f(BCLK) = f(XIN)/256 MHz,
f(XIN) =8MHz,
Active: XIN,
Stopped: PLL, XCIN, OCO
1.2
mA
f(CPU) = f(BCLK) = 32.768 kHz,
Active: XCIN,
Stopped: XIN, PLL, OCO,
Main regulator: shutdown
220
µA
f(CPU) = f(BCLK) = f(OCO)/4 kHz,
Active: OCO,
Stopped: XIN, PLL, XCIN,
Main regulator: shutdown
230
µA
f(CPU) = f(BCLK) = f(XIN)/256 MHz,
f(XIN) =8MHz,
Active: XIN,
Stopped: PLL, XCIN, OCO,
Ta = 25°C, Wait mode
960 1600
µA
f(CPU) = f(BCLK) = 32.768 kHz,
Active: XCIN,
Stopped: XIN, PLL, OCO,
Main regulator: shutdown,
Ta = 25°C, Wait mode
8140
µA
f(CPU) = f(BCLK) = f(OCO)/4 kHz,
Active: OCO,
Stopped: XIN, PLL, XCIN,
Main regulator: shutdown,
Ta = 25°C, Wait mode
10
150
µA
Stopped: all clocks,
Main regulator: shutdown,
Ta = 25°C
570
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn